전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47NLDY-R-R

  • AI
    ## Analysis of the 47NLDY-R-R Electronic Component The **47NLDY-R-R** is a specific part number typically associated with **Signal Tower Lights** (also known as Stack Lights or Indicator Columns), commonly manufactured by companies like **Patlite** or similar industrial automation brands. These are used to provide visual and audible status indications for machinery. --- ### 1. Component Identification & Specifications Based on the standard nomenclature for industrial signaling devices, here is a breakdown of the technical characteristics: | Feature | Specification / Description | | :--- | :--- | | **Component Type** | LED Signal Tower / Stack Light Module | | **Lens Color** | **Red** (Indicated by the "R" suffix) | | **Light Source** | High-intensity LED | | **Operating Voltage** | Typically 24V AC/DC (standard for industrial PLC control) | | **Mounting Style** | Direct mount or Pole mount (depending on base configuration) | | **Ingress Protection** | Often rated **IP65** (Dust-tight and water jet resistant) | | **Compliance** | CE, RoHS, and often UL recognized | --- ### 2. Functional Details The electronic architecture of the 47NLDY-R-R focuses on durability and low power consumption: * **LED Driver Circuitry:** Built-in current limiting resistors or constant current drivers to ensure the LEDs operate at a stable brightness regardless of minor voltage fluctuations. * **Modular Design:** The "R-R" designation often implies a specific stacking order or a replacement module specifically for the Red tier. * **Vibration Resistance:** Designed with internal shock-absorbing structures to withstand the vibrations of heavy industrial machinery (like CNC mills or assembly lines). --- ### 3. Common Wiring Configuration In most industrial applications, these units are wired to a PLC (Programmable Logic Controller). ```yaml Wiring Logic: - Lead Wire (Red): Connects to +24V (or Signal Output) - Common Wire (Gray/White): Connects to 0V (Ground) - Function: When the PLC output is HIGH, the Red LED illuminates. ``` --- ### 4. Typical Applications 1. **Machine Status:** Indicating an Emergency Stop (E-Stop) or a critical fault. 2. **Process Completion:** Signifying that a machine cycle has ended and requires operator intervention. 3. **Safety Signaling:** Warning personnel of hazardous areas or moving parts. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage requirement for the 47NLDY-R-R?
    • ⤷ Does this model include a flashing (strobe) function or is it continuous light?
    • ⤷ Is this part compatible with the Patlite LR series or an older discontinued series?