전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48AV-2CVG-R

  • AI
    The **48AV-2CVG-R** is a specific technical model identifier, most commonly associated with **HVAC (Heating, Ventilation, and Air Conditioning) control assemblies**, specifically integrated control boards for commercial or industrial rooftop units (such as those manufactured by Carrier/Bryant/Carlyle). Below is a breakdown of the typical electronic components and functional sections found within this type of controller. --- ### 1. Main Control Architecture The board serves as the "brain" of the unit, orchestrating signals between user thermostats and heavy mechanical hardware. | Component Group | Purpose | Common Parts | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The central processing unit that executes the logic code. | 8-bit or 16-bit IC (e.g., PIC or ARM based) | | **EEPROM/Flash Memory** | Stores configuration settings and error logs. | Small 8-pin SMD chips | | **Voltage Regulator** | Steps down high voltage to 5V or 3.3V for logic circuits. | Linear regulators (7805) or Buck converters | --- ### 2. Input/Output (I/O) Sections These components allow the board to interact with the physical environment. #### **A. Input Sensors** * **Thermistor Interface:** Resistors that change resistance based on temperature (Discharge Air, Outdoor Air). * **Pressure Transducers:** Inputs for monitoring refrigerant pressure. * **Safety Switches:** Terminals for High-Pressure Switches (HPS) and Low-Pressure Switches (LPS). #### **B. Output Actuators** * **Relays:** The most visible electronic parts. These are mechanical switches controlled by the MCU to turn on the compressor, indoor fan, and condenser fan. * **Triacs:** Often used for variable speed control or modulating valves where silent, high-frequency switching is required. --- ### 3. Protection & Power Electronics Because these boards operate in harsh electrical environments (surges/lightning), they include specialized protection parts: * **MOV (Metal Oxide Varistor):** Absorbs high-voltage spikes to prevent board fry-out. * **Optoisolators:** Protects the sensitive microcontroller from high-voltage feedback using light signals. * **Fuses:** Usually a 3A or 5A automotive-style blade fuse to protect the 24VAC transformer circuit. --- ### 4. Communication Ports Most modern versions of these controllers feature communication headers to integrate into a **Building Management System (BMS)**: * **RS-485 / Modbus:** For serial communication. * **LED Diagnostic Display:** A series of flashing LEDs or a 7-segment display that communicates error codes (e.g., "Code 33" for limit switch lockout). --- ### Summary of Specifications (Typical) * **Input Voltage:** 24VAC (Class 2) * **Frequency:** 50/60 Hz * **Operating Temp:** -40°F to 158°F (-40°C to 70°C) * **Mounting:** Standoff pins or plastic tray ---
    ✨ Follow-up Questions
    • ⤷ What are the most common failure symptoms for this specific control board?
    • ⤷ How do you interpret the LED blink codes on the 48AV series?
    • ⤷ Is there a direct pin-compatible replacement for the 48AV-2CVG-R?