전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48AV-2GH5-R

  • AI
    Based on the part number **48AV-2GH5-R**, this component is a high-performance **Pulse Transformer** (specifically an Ethernet Magnetics Module) typically manufactured by companies like **Pulse Electronics** or similar magnetic component specialists. These parts are critical for providing electrical isolation and signal conditioning in networking hardware. --- ## 1. Technical Specifications The following table outlines the general technical characteristics associated with this specific series of magnetic modules: | Feature | Specification | | :--- | :--- | | **Component Type** | Ethernet Transformer / Magnetics Module | | **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Number of Ports** | Dual Port (2x1) | | **Configuration** | Low Profile / Surface Mount (SMD) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ## 2. Key Internal Electronic Parts A module like the **48AV-2GH5-R** is not a single component but an integrated circuit containing several passive elements: ### A. Isolation Transformers * **Function:** Uses magnetic induction to transfer data signals while blocking DC voltages. * **Purpose:** Protects sensitive PHY (Physical Layer) chips from power surges and ground loops on the Ethernet cable. ### B. Common Mode Chokes (CMC) * **Function:** Filters out high-frequency noise that is common to both signal wires. * **Purpose:** Essential for Electromagnetic Interference (EMI) suppression to meet FCC/CE regulatory standards. ### C. Termination Resistors & Capacitors * **Function:** Provides impedance matching (typically 75 Ohms for Bob Smith terminations). * **Purpose:** Reduces signal reflections and absorbs common-mode energy to maintain signal integrity over long cable runs. --- ## 3. Pinout & Application Typically, these modules are placed between the **RJ45 Connector** and the **Ethernet Controller (PHY)**. ### Typical Application Diagram ```text [RJ45 Connector] <---> [48AV-2GH5-R Magnetics] <---> [Ethernet PHY Chip] (External) (Isolation/Filter) (Internal PCB) ``` ### Common Uses: * Network Interface Cards (NICs). * Industrial Switches and Routers. * Embedded systems requiring ruggedized Ethernet connectivity. ---
    ✨ Follow-up Questions
    • ⤷What is the footprint size (dimensions) of the 48AV-2GH5-R module?
    • ⤷ Can this part be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the equivalent alternative part numbers for this transformer?