전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48AV-2RH4-R

  • AI
    The part number **48AV-2RH4-R** typically refers to a specialized **Optical Encoder** or a specific high-precision **Rotary Switch/Potentiometer** component, often manufactured by companies like **Grayhill** or similar precision component vendors. Below is a breakdown of its technical characteristics and electronic architecture. --- ## 1. Technical Specifications This component is designed for human-machine interface (HMI) applications where high reliability and tactile feedback are required. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Rotary Encoder / Multi-deck Switch | | **Circuitry** | Binary Coded Decimal (BCD) or Complementary Output | | **Termination Style** | Through-hole (PC Mount) | | **Number of Positions** | Typically 10 or 16 positions (Hexadecimal) | | **Mounting Angle** | Right Angle (denoted by the 'R' suffix) | | **Contact Rating** | Usually low voltage (e.g., 250mA at 28VDC) | --- ## 2. Key Electronic Features ### A. Output Logic The "48AV" series often utilizes a **BCD (Binary Coded Decimal)** output. When the dial is turned, specific pins are shorted to the common pin to represent a binary value. * **Example:** Setting the dial to '3' would activate Pin 1 and Pin 2 ($2^0 + 2^1 = 3$). ### B. "2RH4" Configuration This segment of the part number defines the physical and electrical orientation: * **2:** Often indicates the number of poles or the specific coding style. * **RH:** Indicates **Right Horizontal** (Right Angle) mounting. This is crucial for PCB designs where the adjustment knob must protrude from the side of the device housing. * **4:** Refers to the shaft length or specific detent torque (the "click" feel). ### C. Sealing and Durability The **-R** suffix often indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards and may imply a tape-and-reel or specific industrial packaging. These parts are usually sealed to **IP67** standards, making them resistant to dust and water ingress during soldering or field use. --- ## 3. Pinout Logic Example For a standard 10-position BCD encoder in this series, the pinout typically follows this logic: ```text Pin C: Common Pin 1: Bit 1 (Value 1) Pin 2: Bit 2 (Value 2) Pin 4: Bit 4 (Value 4) Pin 8: Bit 8 (Value 8) ``` --- ## 4. Common Applications * **Industrial Controls:** Setting Modbus or CANbus node addresses. * **Telecommunications:** Channel selection on radio hardware. * **Avionics:** Mode selection in cockpit instrumentation. * **Medical Equipment:** Parameter setting where high-reliability tactile feedback is mandatory.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the 48AV-2RH4-R component?
    • ⤷ Can you provide the specific truth table for a 16-position version of this encoder?
    • ⤷ What are the recommended soldering temperature profiles for the -R (RoHS) version?