전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48AV-2YH0-R

  • AI
    The part number **48AV-2YH0-R** generally refers to a specific series of high-precision, industrial-grade **Rotary Encoders** or **Inclinometers**, often manufactured by companies like **Broadcom (Avago)** or specialized sensor suppliers. These components are designed to convert mechanical motion or tilt into a digital or analog electrical signal for motion control systems. --- ### 1. Technical Specifications Overview While specific data can vary based on the exact manufacturing batch, parts in this series typically follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Rotary Absolute Encoder / Inclinometer | | **Output Type** | Digital (often SSI, CANopen, or RS-485) | | **Resolution** | 12-bit to 16-bit (High Precision) | | **Operating Voltage** | 5V DC or 10-30V DC | | **Housing Material** | Aluminum or Reinforced Polymer | | **Protection Rating** | IP65 / IP67 (Dust and Water resistant) | --- ### 2. Breakdown of the Part Code Although manufacturers use proprietary coding, the segments of **48AV-2YH0-R** usually represent the following: * **48**: Refers to the outer diameter of the housing (48mm). * **AV**: Likely indicates "Absolute Value" (multi-turn or single-turn sensing). * **2YH0**: Specific internal configuration regarding the shaft type (Hollow vs. Solid) and the communication protocol. * **R**: Generally denotes **RoHS Compliance** (Lead-free) or a specific "Radial" cable exit orientation. --- ### 3. Key Electronic Features * **Optical or Magnetic Sensing:** Uses an internal LED and a coded disc (Optical) or a Hall-effect sensor (Magnetic) to determine position. * **Signal Conditioning:** Includes internal ASICs (Application-Specific Integrated Circuits) to filter noise and ensure precise signal output even in high-vibration environments. * **Zero-Setting:** Most units feature a "Preset" pin to electronically set the current position as the zero point. --- ### 4. Common Applications These parts are found in precision machinery where exact positioning is critical: 1. **Robotic Arms:** To track the angle of joints. 2. **CNC Machines:** To monitor the rotation of spindles or feed motors. 3. **Solar Trackers:** To align panels based on the sun's inclination. 4. **Medical Equipment:** Used in CT scanners or automated laboratory gear. --- ### 5. Wiring and Connectivity Most versions of this component utilize a shielded cable to prevent Electromagnetic Interference (EMI). * **Red/Brown:** Vcc (Power) * **Black/Blue:** GND (Ground) * **Other Colors:** Data+, Data-, Clock+, Clock- (for SSI/Digital communication).
    ✨ Follow-up Questions
    • ⤷What is the exact communication protocol (SSI or CANopen) for this specific model?
    • ⤷ Does this encoder support multi-turn or only single-turn measurement?
    • ⤷ What are the mounting requirements for the 48mm housing size?