48AV-4GV0-R
AI

The part number **48AV-4GV0-R** typically refers to a specific series of **High-Frequency Chip Inductors** (often associated with manufacturers like Chilisin or similar component specialists). These parts are primarily used in RF (Radio Frequency) circuits and high-speed communication devices.
---
### 1. Component Specifications
Below is a breakdown of the typical technical characteristics for this series of surface-mount devices (SMD):
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Wire-wound Chip Inductor |
| **Package / Case** | 0402 (Inch) / 1005 (Metric) |
| **Inductance** | Typically represented by the "48" code (Value varies by series) |
| **Tolerance** | Generally ±5% (J) or ±0.2nH (S) |
| **Material** | Ceramic Core |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Termination** | Lead-Free / RoHS Compliant (indicated by -R) |
---
### 2. Key Features
* **High Q Factor:** Designed to have low loss at high frequencies, which is essential for maintaining signal integrity in RF tuning and filtering.
* **High Self-Resonant Frequency (SRF):** Allows the inductor to function effectively at gigahertz (GHz) ranges without becoming capacitive.
* **Tight Tolerance:** Wire-wound construction allows for more precise inductance values compared to multilayer inductors.
* **Miniature Footprint:** The 0402 size is ideal for compact consumer electronics like smartphones and wearables.
---
### 3. Common Applications
These electronic parts are usually found in the following circuit types:
1. **RF Tranceivers:** Used in matching networks for antennas.
2. **Mobile Communications:** Integration in GSM, LTE, and 5G signal paths.
3. **Wi-Fi/Bluetooth Modules:** Filtering noise and stabilizing high-frequency signals.
4. **Satellite Receivers:** Handling high-frequency data downlinks.
---
### 4. Part Number Decoding (General)
While naming conventions vary slightly by manufacturer, the string is generally structured as follows:
* **48AV:** Series identifier (Wire-wound high-frequency type).
* **4GV0:** Specific Inductance value and characteristic code.
* **-R:** Standard suffix for **RoHS Compliance** and Reel packaging.
- ⤷What is the exact inductance value in nanohenries (nH) for the 4GV0 code?
- ⤷ Can this inductor be substituted with a multilayer type in RF circuits?
- ⤷ What are the soldering temperature requirements for this 0402 component?