48AV-4RVG-R
AI

The part number **48AV-4RVG-R** typically refers to a specialized electronic component, most commonly identified within the category of **High-Frequency Connectors or RF Adapters**, often produced by manufacturers like Hirose or similar precision component firms.
Below is a detailed breakdown of the technical aspects of this electronic part.
---
### 1. General Specifications
This component is designed for high-performance signal transmission, often utilized in testing equipment or telecommunications infrastructure.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | RF Connector / Coaxial Adapter |
| **Interface Series** | 2.4mm / 2.92mm (K-type) compatible |
| **Gender** | Often Plug-to-Jack or specialized orientation |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Body Material** | Stainless Steel (Passivated) or Gold-plated Brass |
| **Mounting Type** | Vertical / Edge Mount / Cable Mount (depends on suffix) |
---
### 2. Part Number Breakdown (Functional Analysis)
While exact naming conventions vary by manufacturer, the code generally breaks down as follows:
1. **48AV**: Represents the specific series or body style (often related to high-frequency millimeter-wave applications).
2. **4RVG**:
* **4**: Often denotes the diameter or frequency rating (e.g., up to 40GHz or 50GHz).
* **RVG**: Refers to the internal geometry, such as a "Vertical" orientation or "Reflow" solder compatibility.
3. **-R**: Typically signifies **RoHS Compliance** (Restriction of Hazardous Substances) or "Reel" packaging.
---
### 3. Key Technical Characteristics
#### A. Frequency Range
These parts are engineered for **Millimeter-Wave (mmWave)** frequencies. They are capable of operating from DC up to **40 GHz or 50 GHz**, maintaining low VSWR (Voltage Standing Wave Ratio) and minimal insertion loss.
#### B. Durability
* **Mating Cycles**: Usually rated for 500+ cycles.
* **Operating Temperature**: Typically ranges from **-55°C to +150°C**, making them suitable for aerospace and industrial testing.
#### C. Signal Integrity
The "RVG" designation often implies a design optimized for **Grounding**. The arrangement of pins or the outer shell is designed to minimize EMI (Electromagnetic Interference) and ensure a stable return path for high-speed signals.
---
### 4. Common Applications
* **Optical Communication Modules**: Used in 100G/400G transceivers.
* **Semiconductor Test Boards**: Used as an interface for high-speed IC testing.
* **Measuring Instruments**: Integrated into Network Analyzers or Oscilloscopes.
* **Satellite Systems**: High-reliability data transmission.
---
- ⤷
What is the maximum frequency rating for the 48AV series?
- ⤷ Is the 48AV-4RVG-R compatible with standard SMA connectors?
- ⤷ What are the recommended soldering profiles for the -R (RoHS) variant?