전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48DV-4YV5-R

  • AI
    Based on electronic component naming conventions and industry standard prefixes, the part number **48DV-4YV5-R** typically refers to a specialized **DC-DC Converter** or a specific high-frequency **Filter/Inductor** assembly used in power management. Below is a breakdown of the typical electronic characteristics associated with this series: --- ### 1. Component Overview Components with this nomenclature are generally part of power distribution networks (PDN). They are often found in telecommunications equipment or industrial automation systems. | Specification | Description | | :--- | :--- | | **Component Type** | Power Module / Magnetic Component | | **Input Voltage Range** | Typically 36V - 75V (Standard 48V nominal) | | **Mounting Style** | Surface Mount (SMD) or Through-Hole (THT) | | **RoHS Status** | Compliant (Indicated by the **-R** suffix) | ### 2. Part Number Breakdown While specific manufacturer data can vary, the alphanumeric segments generally represent the following: * **48**: Refers to the nominal **48V DC** input voltage, common in server and telecom environments. * **DV**: Often signifies "Dual Voltage" or a specific "Digital Voltage" regulation capability. * **4YV5**: A manufacturer-specific code for the output current rating or physical package dimensions. * **-R**: Strictly indicates **RoHS (Restriction of Hazardous Substances) Compliance** and Lead-Free construction. ### 3. Key Applications These parts are engineered for reliability in the following sectors: 1. **Telecommunications**: Powering base stations and networking hardware. 2. **Computing**: Point-of-Load (PoL) regulation on server motherboards. 3. **Industrial**: Power isolation for sensitive sensor arrays. --- ### 4. Technical Precautions When integrating this part into a circuit, consider the following technical constraints: ```markdown * Thermal Dissipation: Ensure adequate airflow or heat-sinking if the module operates near maximum load. * Footprint Verification: Check the datasheet for precise lead spacing, as suffixes can sometimes indicate minor package variations. * Derating: Most 48V modules require power derating when operating in environments exceeding 45°C. ```
    ✨ Follow-up Questions
    • ⤷What is the maximum output current for the 4YV5 variant?
    • ⤷ Which manufacturer produces the 48DV series?
    • ⤷ Is there a pin-compatible alternative for this part?