전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48NAM-21V-R/D

  • AI
    The part number **48NAM-21V-R/D** typically refers to a specialized **DC-DC Converter** or a **Power Supply Module** often used in industrial automation, telecommunications, or medical equipment. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed to convert a specific input voltage into a regulated 21V output, often with isolation features to protect sensitive downstream electronics. | Feature | Description | | :--- | :--- | | **Product Category** | Isolated DC-DC Converter / Power Module | | **Input Voltage Range** | Typically 36V – 75V DC (Standard 48V Nominal) | | **Output Voltage** | 21V DC (Fixed or Adjustable) | | **Power Rating** | Varies by manufacturer, usually 50W to 150W | | **Efficiency** | > 88% (Typical) | | **Package Type** | Through-hole (PCB Mount) or Chassis Mount | --- ### 2. Breakdown of the Part Number Code While nomenclature varies slightly by manufacturer, the code generally follows this logic: * **48**: Represents the **Nominal Input Voltage** (48V DC). * **NAM**: The Series designation (often indicating "Negative Logic" or specific mechanical mounting). * **21V**: The **Output Voltage** (21 Volts). * **R**: Indicates **Remote On/Off** functionality or "Reverse" polarity protection. * **D**: Typically signifies a **Dual Output** or a specific **Differential** protection feature. --- ### 3. Key Electronic Components Inside The module consists of several critical stages to ensure stable power delivery: 1. **Input Filter:** Uses capacitors and inductors (EMI filters) to suppress noise coming from the 48V source. 2. **Switching MOSFETs:** High-frequency transistors that chop the DC input into AC for the transformer. 3. **Isolation Transformer:** Provides galvanic isolation between the input and the 21V output, ensuring safety and noise decoupling. 4. **Rectification & Smoothing:** Fast-recovery diodes and low-ESR capacitors convert the AC back into a smooth 21V DC signal. 5. **Control IC (PWM Controller):** Monitors the output and adjusts the pulse width to maintain exactly 21V, regardless of load changes. --- ### 4. Technical Features & Protections * **Galvanic Isolation:** Usually rated for 1500V DC or higher. * **Over-Current Protection (OCP):** Shuts down or limits current if the load exceeds safe limits. * **Over-Voltage Protection (OVP):** Prevents the output from spiking and damaging connected components. * **Thermal Shutdown:** Protects the module from overheating during high-load operations.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this specific model?
    • ⤷ Can the output voltage be adjusted using an external trimmer?
    • ⤷ What is the recommended cooling method for this power module?