전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48NAT-2GH2-R

  • AI
    The **48NAT-2GH2-R** is a specific part number typically associated with **AC/DC power supply modules** or specialized **rectifier systems** used in telecommunications and industrial networking. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Component Specifications This device is generally categorized as a high-efficiency power conversion module. | Feature | Specification (Typical) | | :--- | :--- | | **Device Type** | AC/DC Rectifier / Power Module | | **Nominal Input Voltage** | 100V – 240V AC (Universal Input) | | **Output Voltage** | -48V DC (Standard Telecom Logic) | | **Form Factor** | Hot-swappable Plug-in Module | | **Cooling** | Integrated Forced Air (Internal Fan) | --- ## 2. Electronic Part Breakdown The internal circuitry consists of several critical stages designed for high reliability: ### A. Input Stage (EMI & Rectification) * **EMI Filter:** Designed to suppress electromagnetic interference to meet industrial standards. * **Bridge Rectifier:** Converts the AC input into a pulsating DC voltage. * **Active PFC (Power Factor Correction):** Uses a boost converter to ensure the current waveform follows the voltage waveform, maximizing energy efficiency. ### B. Conversion Stage (DC-DC) * **High-Frequency Transformer:** Provides galvanic isolation between the high-voltage AC input and the -48V DC output. * **Switching MOSFETs:** Utilize Pulse Width Modulation (PWM) to regulate the output voltage with high precision. ### C. Output & Protection Stage * **Filtering Capacitors:** High-grade electrolytic or polymer capacitors used to minimize output ripple and noise. * **Protection Circuits:** * **OVP:** Over-Voltage Protection. * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection (linked to internal sensors). --- ## 3. Connector Pinout & Interface The module usually utilizes a gold-finger or blade-style connector at the rear to facilitate "hot-swapping" (replacing the unit while the system is powered). * **Power Pins:** Heavy-duty pins for AC input and high-current DC output. * **Signal Pins:** Used for I2C or CAN bus communication to report module status (Health, Load %, Temperature) to a central controller. --- ## 4. Key Application Use-Cases * **Telecom Base Stations:** Providing stable -48V power to wireless transmission equipment. * **Data Centers:** Distributed power architectures. * **Network Switches:** Powering high-capacity enterprise routers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the 48NAT-2GH2-R module?
    • ⤷ How does the -48V polarity differ from standard +48V systems in electronics?
    • ⤷ What are the compatible chassis models for this specific power module?