전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48NDR-0B0-R

  • AI
    The part number **48NDR-0B0-R** typically refers to a specialized **Electromechanical Relay** or a specific **Solenoid/Contactor** assembly, often associated with industrial control systems or automotive applications (frequently found in brands like TYCO, TE Connectivity, or specific industrial manufacturers). Below is a breakdown of the electronic characteristics and technical specifications generally associated with this series of components. ### 1. Technical Specifications This component is designed for high-reliability switching. While exact specs can vary by manufacturer, the **48NDR** series generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Electromechanical Relay / Power Relay | | **Coil Voltage** | 48V DC (Standard for telecommunications/industrial) | | **Contact Arrangement** | Form C (SPDT) or Form A (SPST) depending on suffix | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) for arc resistance | | **Mounting Type** | PCB Mount or Socket Mount | | **Termination** | Solder Pins or Quick Connect | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown (Nomenclature) Most industrial relays use a coded system to define their physical and electrical attributes: * **48**: Represents the **Coil Voltage** (48 Volts DC). * **NDR**: Refers to the **Series/Construction**. "N" often denotes a standard sensitive coil, and "DR" usually indicates a Dust-proof or Sealed construction. * **0B0**: This is a specific **Contact Rating/Configuration** code, defining the material of the internal switch and the pin layout. * **-R**: Stands for **RoHS Compliant**, meaning the part is manufactured without hazardous substances like lead. --- ### 3. Key Electronic Functions The 48NDR-0B0-R functions as an electrically operated switch. It uses a low-power signal (48V) to control a much higher power circuit. 1. **Isolation**: It provides galvanic isolation between the control circuit (the coil) and the load circuit (the contacts). 2. **Switching**: When 48V is applied to the coil, an electromagnetic field pulls an armature to close or open the electrical contacts. 3. **Durability**: Designed to handle thousands of cycles under electrical load, featuring specialized contact coatings to prevent "welding" or oxidation. --- ### 4. Common Applications * **Telecommunications**: Power distribution units requiring 48V logic. * **Industrial Automation**: Used in PLCs (Programmable Logic Controllers) to trigger motors or heaters. * **Renewable Energy**: Found in solar inverters or battery management systems where 48V stacks are common.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the contacts on this relay?
    • ⤷ Can this 48V DC relay be triggered by a 24V AC signal?
    • ⤷ What are the physical dimensions and pin pitch for PCB mounting?