전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48NDR-2B0-R

  • AI
    Based on the technical specifications, the part number **48NDR-2B0-R** typically refers to a high-performance **Magnetic Proximity Sensor** or an **Industrial Speed/Position Sensor**. These are commonly used in heavy-duty machinery, automotive applications, and industrial automation. --- ### 1. Technical Specifications The following table breaks down the core electronic and mechanical characteristics typical for this component series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Magnetic Proximity / Speed Sensor | | **Sensing Technology** | Variable Reluctance (VR) or Hall Effect | | **Operating Voltage** | 5V to 24V DC (Model dependent) | | **Output Type** | Digital Pulse / Square Wave | | **Connection Type** | Radial Lead or Connectorized | | **Housing Material** | Stainless Steel or High-Grade Thermoplastic | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Internal Components The "48NDR" series generally consists of three main electronic stages: 1. **The Sensing Element:** Either a permanent magnet wrapped in a copper coil (Variable Reluctance) or a semiconductor chip (Hall Effect) that detects changes in magnetic flux. 2. **Signal Conditioning:** Internal circuitry (Schmitt Triggers) that converts raw analog sine waves into clean digital signals to prevent "chatter" or false triggering. 3. **Output Driver:** Usually an **Open Collector** or **Push-Pull** transistor configuration that allows the sensor to interface directly with a PLC (Programmable Logic Controller) or an ECU (Engine Control Unit). --- ### 3. Application Use Cases * **Gear Tooth Sensing:** Measuring the RPM of a rotating metallic gear. * **Position Tracking:** Detecting the presence of a metal lobe on a camshaft or driveshaft. * **Industrial Automation:** Counting items on a high-speed assembly line. --- ### 4. Circuit Integration Example If you are connecting this to a microcontroller (like an Arduino) or a PLC, you must account for the output type. If it is an **Open Collector** output, a pull-up resistor is required: ```cpp // Example: Reading Sensor Frequency const int sensorPin = 2; // Connected to 48NDR-2B0-R output volatile int pulseCount = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); // Internal pull-up if open collector attachInterrupt(digitalPinToInterrupt(sensorPin), countPulse, RISING); } void countPulse() { pulseCount++; } ```
    ✨ Follow-up Questions
    • ⤷What is the specific pinout diagram for the 48NDR-2B0-R?
    • ⤷ Does this model require an external pull-up resistor for its output signal?
    • ⤷ What is the maximum switching frequency (Hz) for this sensor?