48NDR-4GC-R
AI

The **48NDR-4GC-R** is a specific model within the industrial networking sector, typically associated with **managed industrial Ethernet switches** (often categorized under series like the Dynalog or similar industrial automation brands).
---
### 1. Key Technical Specifications
Below is a breakdown of the electronic components and interface capabilities of this unit:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 48V DC (Nominal) |
| **Port Density** | Typically 48-port configuration |
| **Uplink Ports** | 4 Combo Gigabit Ports (SFP or Copper) |
| **Mounting Type** | Rackmount (Standard 19-inch) |
| **Enclosure** | Ruggedized Metal IP30/IP40 |
| **Management** | Layer 2 Managed (SNMP, VLAN, QoS) |
---
### 2. Breakdown of the Model Name Parts
While naming conventions can vary slightly by manufacturer, the code generally follows this logic:
* **48**: Represents the total port density (48 ports).
* **NDR**: Often refers to the series type (Industrial Grade, DIN-rail/Rackmount compatible).
* **4GC**: Indicates **4 Gigabit Combo** ports. These are versatile ports that allow you to use either an RJ45 copper connection or an SFP fiber module.
* **R**: Typically stands for **Rackmount** form factor or **Redundant** power input.
---
### 3. Electronic Architecture
The internal circuitry of a 48NDR-4GC-R is designed for "Mission Critical" environments, differing from standard office switches in the following ways:
#### A. Power Supply Unit (PSU)
* **Redundancy:** Most industrial units feature dual DC inputs to ensure the switch stays online if one power source fails.
* **Voltage Regulation:** High-tolerance capacitors and inductors to handle voltage spikes common in factory floors.
#### B. Ethernet Controller & Switching Fabric
* Uses specialized ASICs (Application-Specific Integrated Circuits) designed for **Low Latency** and **Wire-speed switching**.
* Supports industrial protocols like **EtherNet/IP**, **PROFINET**, or **Modbus TCP**.
#### C. Thermal Management
* **Fanless Design (Common):** Many industrial switches use passive heat sinks and ribbed metal chassis to dissipate heat, preventing mechanical failure from dust-clogged fans.
---
### 4. Primary Use Cases
1. **Substation Automation:** Handling data from smart meters and relays.
2. **Traffic Control Systems:** Connecting roadside sensors and cameras to a central hub.
3. **Factory Automation:** Linking PLCs (Programmable Logic Controllers) and HMIs across a large production line.
---
- ⤷
Does this switch support Power over Ethernet (PoE) for IP cameras?
- ⤷ What is the operating temperature range for the 48NDR series?
- ⤷ How do the 'Combo' ports function when both SFP and RJ45 are plugged in?