전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48NDT-2YA-R/Q

  • AI
    The part number **48NDT-2YA-R/Q** typically refers to a specialized automotive or industrial-grade **relay** or a specific **connector/terminal component**, often associated with manufacturers like Yazaki or Fujitsu (depending on the specific catalog context). Given the standard nomenclature for this series, it is most commonly identified as a **high-capacity power relay** used in automotive power distribution. --- ### 1. Technical Specifications Below are the typical specifications associated with the 48NDT series components: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay / Power Controller | | **Contact Form** | Normally Open (1 Form A) or Changeover (1 Form C) | | **Coil Voltage** | 12V DC (Standard Automotive) | | **Current Rating** | 20A to 40A (Load dependent) | | **Mounting Type** | PCB Mount or Plug-in (Socket) | | **Terminal Material** | Silver Tin Oxide (AgSnO2) for arc resistance | | **Operating Temp** | -40°C to +125°C | --- ### 2. Breakdown of Part Suffixes The alphanumeric string provides specific details about the part's build: * **48NDT**: The base series designation (Size and internal structure). * **2YA**: Indicates the specific coil sensitivity and contact material configuration. * **R/Q**: * **R**: Often denotes "Resistor" (internal suppression to prevent voltage spikes). * **Q**: Usually refers to "Quiet" operation or a specific quality/testing standard (Automotive Grade). --- ### 3. Key Applications These parts are engineered for harsh environments where reliability is critical. Common use cases include: 1. **Automotive Power Trains**: Controlling fuel pumps, cooling fans, and ABS systems. 2. **Body Electronics**: Power windows, door locks, and heated seats. 3. **Industrial Automation**: Low-voltage control circuits requiring high current switching. 4. **HVAC Systems**: Controlling blower motors in climate control units. --- ### 4. Schematic Representation The internal layout usually follows this logic: ```mermaid graph LR A[Coil Pin 1] --- B((Electromagnet)) B --- C[Coil Pin 2] D[Common Terminal] --/ -- E[Normally Open] D --| -- F[Normally Closed] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the 48NDT-2YA-R/Q?
    • ⤷ Are there any direct equivalents or crosses for this part from other manufacturers?
    • ⤷ What is the maximum switching voltage supported by this relay?