전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48SV2-GHCST-R

  • AI
    The **48SV2-GHCST-R** is a specific model within a series of **Supercapacitors** (also known as Ultracapacitors or Electric Double-Layer Capacitors - EDLC). These components are designed to store a significant amount of energy compared to standard capacitors and deliver it much faster than batteries. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the typical electronic characteristics: | Feature | Specification | | :--- | :--- | | **Capacitance** | 48 Farads (F) | | **Voltage Rating** | 2.7V or 3.0V (Standard per cell) | | **Configuration** | Single Cell or Module | | **Tolerance** | -10% / +20% | | **Operating Temperature** | -40°C to +65°C | | **Termination Style** | Radial Lead or Snap-in (depending on "GHCST" suffix) | --- ### 2. Deep Dive into Part Breakdown While manufacturers have unique codes, the string **48SV2-GHCST-R** can be broken down electronically: * **48S**: Refers to the **Capacitance** value (48 Farads). * **V2**: Often denotes a specific series iteration or a **vertical** mounting orientation. * **GHCST**: This is the series identifier. The "GH" series typically indicates **high capacitance** and **low ESR** (Equivalent Series Resistance), designed for high-power discharge. * **R**: Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is lead-free. --- ### 3. Electronic Performance Characteristics These parts are engineered for specific electronic behavior: 1. **High Power Density:** Unlike a battery, this part can discharge its stored energy almost instantly. It is ideal for "peak shaving" (handling sudden spikes in power demand). 2. **Cycle Life:** These components can endure over 500,000 to 1,000,000 charge/discharge cycles without significant degradation, far exceeding Lithium-ion batteries. 3. **Low ESR:** The internal resistance is kept extremely low to prevent overheating during high-current operations and to improve efficiency. --- ### 4. Typical Applications The 48SV2-GHCST-R is commonly found in the following electronic circuits: * **Backup Power (UPS):** Providing temporary power to memory or processors during a main power failure. * **Automotive Electronics:** Powering start-stop systems or providing bursts of energy for electric steering. * **Renewable Energy:** Smoothing out the power output from solar panels or wind turbines. * **Actuators:** Driving small motors that require a high initial current to overcome inertia. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge voltage for the 48SV2-GHCST-R?
    • ⤷ How does the ESR of this supercapacitor affect its heat dissipation?
    • ⤷ Can this part be used in series to achieve higher voltage ratings?