전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48SV2-RHEST-R

  • AI
    The **48SV2-RHEST-R** is a specific high-performance, compact DC-DC converter module typically used in industrial and telecommunications applications. It belongs to a class of power electronic components designed to convert high-range input voltages into a stable, regulated output voltage. ### 1. Key Technical Specifications The following table outlines the general parameters for this series of converters: | Parameter | Specification | | :--- | :--- | | **Type** | Isolated DC-DC Converter | | **Input Voltage Range** | Typically 36V to 75V DC (Standard 48V Nominal) | | **Output Voltage** | Usually 1.2V to 12V (Depends on specific sub-model) | | **Form Factor** | 1/16th Brick or 1/32nd Brick (Ultra-compact) | | **Efficiency** | Up to 92% - 95% | | **Mounting Type** | Through-hole or Surface Mount (RHEST often indicates SMT/High-profile) | --- ### 2. Breakdown of the Model Nomenclature While specific manufacturer codes vary, the suffix **"RHEST-R"** generally breaks down into functional characteristics: * **48S**: Indicates a nominal **48V Single** output configuration. * **V2**: Represents the version or generation of the power architecture (Version 2). * **RH**: Often denotes **High Reliability** or specific radiation/thermal hardening features. * **E**: May indicate **Enhanced** efficiency or an extended temperature range. * **ST**: Usually refers to **Surface Mount (SMT)** lead style or **Standard** pinout. * **-R**: Typically signifies **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging. --- ### 3. Core Internal Electronic Components The module is not a single part but a "System in Package" (SiP). Internally, it contains: 1. **Power MOSFETs:** Used for high-frequency switching to minimize power loss. 2. **Planar Transformer:** A low-profile magnetic component used for galvanic isolation between the input and output. 3. **PWM Controller IC:** The "brain" that monitors the output voltage and adjusts the switching frequency to maintain stability. 4. **Ceramic Capacitors (MLCC):** Used for filtering input and output noise/ripple. 5. **Shunt Resistors:** Used for over-current protection sensing. --- ### 4. Common Applications * **Telecommunications:** Powering Base Transceiver Stations (BTS). * **Data Centers:** Distributed Power Architecture (DPA) on server motherboards. * **Industrial Automation:** Powering PLC controllers and sensors from a 48V bus. * **Networking:** Switches and routers requiring high power density.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current supported by the 48SV2 series?
    • ⤷ How does the thermal management system work in these DC-DC bricks?
    • ⤷ What are the specific pinout configurations for the RHEST-R variant?