전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48SV2-RVFST-T

  • AI
    The part number **48SV2-RVFST-T** refers to a high-performance **Solid-State Relay (SSR)** or a specialized **Industrial Interface Module**, typically associated with power management and automation systems (often linked to manufacturers like Phoenix Contact or specialized relay vendors). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Solid-State Relay (SSR) | Electronic switching without moving parts | | **Input Voltage** | 48V DC (Nominal) | The control signal required to activate the device | | **Switching Voltage** | Up to 250V AC/DC | The load voltage the device can manage | | **Isolation Type** | Opto-electronic | Uses light to separate control and load circuits | | **Mounting Style** | DIN Rail / Socket | Standard industrial cabinet mounting | | **Termination** | Screw or Push-in | Secure wiring for industrial environments | --- ## 2. Key Electronic Features ### A. Solid-State Technology (S) Unlike mechanical relays, the "S" indicates **Solid-State**. - **No Wear:** No physical contacts mean it can switch millions of times without degradation. - **High Speed:** Near-instantaneous switching (nanoseconds to microseconds). - **Silent Operation:** No "clicking" sound, making it ideal for office-adjacent environments. ### B. Input Signal (48V) The "48" prefix denotes the control circuit voltage. This is commonly used in: - Telecommunications infrastructure. - Heavy industrial control logic. - Long-distance signal lines where voltage drop is a concern. ### C. Protection Circuitry (RVFST) The suffix codes usually represent integrated protection features: - **R (Reverse Polarity):** Protects the device if the input wires are swapped. - **V (Varistor):** Integrated surge protection to absorb voltage spikes from the load. - **F (Fuse/Filter):** Some models include internal fast-acting protection or noise filtering. --- ## 3. Circuit Application Example When integrating this part into a system, it acts as a bridge between a low-power PLC (Programmable Logic Controller) and a high-power motor or heater. ```cpp // Logic Representation of the SSR Operation if (PLC_Output_48V == HIGH) { Internal_Optocoupler = ACTIVE; Load_Circuit_TRIAC = CONDUCTING; Power_To_Motor = ON; } else { Load_Circuit_TRIAC = OPEN; Power_To_Motor = OFF; } ``` --- ## 4. Advantages vs. Disadvantages ### Advantages - **Longevity:** Practically infinite life if operated within thermal limits. - **Vibration Resistance:** Ideal for use on heavy machinery where mechanical relays might fail. - **Low Power Consumption:** Requires very little current from the controller to trigger. ### Disadvantages - **Heat Generation:** SSRs generate heat during operation and may require a heat sink. - **Leakage Current:** Even when "off," a tiny amount of current may pass through the semiconductor. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 48SV2 series?
    • ⤷ Does this model require an external heat sink for continuous load?
    • ⤷ What are the specific wiring diagrams for the RVFST protection suffix?