전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48V-2RGVZ-R

  • AI
    The **48V-2RGVZ-R** typically refers to a high-capacity, maintenance-free Lead-Acid or VRLA (Valve Regulated Lead Acid) battery system, often used in telecommunications or backup power (UPS) applications. The internal electronic and physical components of such a system are designed to handle high voltage (48V nominal) and ensure stability under load. ### Key Internal and Structural Components | Component | Description | Function | | :--- | :--- | :--- | | **Lead Plates (Anode/Cathode)** | High-purity lead and lead dioxide plates. | Facilitates the chemical reaction to store/release energy. | | **Absorbent Glass Mat (AGM)** | Fine fiberglass mats between plates. | Absorbs the electrolyte, making the unit spill-proof. | | **Pressure Relief Valve** | A one-way safety valve. | Releases excess gas pressure to prevent casing rupture. | | **Intercell Connectors** | Internal heavy-duty lead or copper bars. | Links individual 2V cells in series to reach 48V. | | **Terminal Posts** | Copper-threaded or lead-alloy inserts. | Provides the external electrical interface for cables. | --- ### Technical Specifications (Typical) While specific manufacturers (like GS Yuasa or EnerSys) may have slight variations for the "RGVZ" series, the general electronics architecture follows these parameters: * **Nominal Voltage:** 48V (usually consisting of 24 cells of 2V each). * **Charging Logic:** Requires a Constant Voltage (CV) charging profile. * **Thermal Protection:** Integrated thermistors or external sensors are often required in the system to prevent thermal runaway. * **Casing:** Flame-retardant ABS plastic (UL94-V0 rated). ### Electronic System Integration In a professional setup, the 48V-2RGVZ-R is rarely used alone. It is paired with: 1. **Rectifiers:** To convert AC grid power to the 48V DC needed for charging and float operation. 2. **Low Voltage Disconnect (LVD):** An electronic circuit that disconnects the load if the battery voltage drops too low to prevent permanent damage. 3. **BMS (Battery Monitoring System):** Used in advanced setups to monitor the impedance, temperature, and voltage of the battery string. --- ### Comparison: VRLA vs. Lithium Alternatives If you are evaluating this part against modern lithium alternatives: ```markdown - Weight: VRLA is significantly heavier (approx. 3x). - Lifespan: VRLA typically lasts 5-10 years; Lithium lasts 10-15+ years. - Cost: VRLA (RGVZ style) has a much lower initial capital expenditure. - Maintenance: "Maintenance-free" implies no water topping is required. ```
    ✨ Follow-up Questions
    • ⤷What is the specific ampere-hour (Ah) rating for the 48V-2RGVZ-R?
    • ⤷ How does the LVD circuit protect this specific battery model?
    • ⤷ What are the recommended charging voltage settings for a 48V VRLA string?