48V-2RHC-R
AI

The **48V-2RHC-R** is a specific electronic component identifier typically associated with **High-Current Power Inductors** or specialized **DC-DC Converter modules**. Based on standard industry nomenclature (common in brands like Coilcraft or specialized power electronics manufacturers), this part is designed for high-density power applications.
---
### 1. Component Specification Overview
The alphanumeric code provides insights into its electrical properties:
| Feature | Description |
| :--- | :--- |
| **Voltage Rating** | Optimized for 48V systems (Common in Telecom/Data Centers). |
| **Configuration** | Likely a 2-phase or 2-inductor high-current (RHC) array. |
| **Mounting Type** | Surface Mount (SMD) for automated PCB assembly. |
| **Compliance** | "R" usually indicates RoHS Compliance (Lead-free). |
---
### 2. Core Electronic Characteristics
This part is engineered to manage high power density with minimal thermal loss.
* **Inductance Value:** Typically ranges from 0.1µH to 2.2µH depending on the specific sub-series, designed for high-frequency switching.
* **Saturation Current ($I_{sat}$):** Designed to handle high peak currents (often 30A to 80A+) without the magnetic core losing its properties.
* **DCR (DC Resistance):** Ultra-low resistance to maximize efficiency and reduce heat dissipation.
* **Shielding:** Usually magnetically shielded to minimize Electromagnetic Interference (EMI) in sensitive circuits.
---
### 3. Common Applications
Parts with this designation are found in environments where 48V power distribution is standard:
1. **Data Centers:** VRM (Voltage Regulator Modules) for CPUs and GPUs using the 48V bus architecture.
2. **Automotive Electronics:** 48V Mild Hybrid Electric Vehicle (MHEV) systems for power steering or braking units.
3. **Telecommunications:** Base stations and networking hardware requiring high-efficiency point-of-load (PoL) conversion.
---
### 4. Typical Internal Circuit Representation
In a 48V DC-DC Buck Converter context, the component acts as the energy storage element:
```spice
[48V Input] ----> [Switching MOSFETs]
|
[ 48V-2RHC-R Inductor ]
|
[V_out] <--------- [Output Capacitor]
```
---
- ⤷
What is the specific saturation current rating for the 48V-2RHC-R?
- ⤷ Which manufacturers typically produce this part number?
- ⤷ How does this part handle thermal dissipation in high-density PCBs?