전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48V-2RYH5-R

  • AI
    The part number **48V-2RYH5-R** refers to a specialized **DC-DC Power Supply Module**, typically used in telecommunications, networking, and industrial computing equipment. It is most commonly associated with Dell networking hardware (such as PowerConnect switches) and specialized server environments. --- ### 1. Technical Specifications This component is an "Intermediate Bus Converter" or a "Brick" power module designed to convert high-voltage DC input into a regulated low-voltage output. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 48V DC (Typical range: 36V to 72V) | | **Output Type** | Regulated DC | | **Form Factor** | Proprietary Module / Plug-in Card | | **Application** | Network Switches, Dell Servers, Telecom Gear | | **Efficiency** | High-efficiency switching architecture | --- ### 2. Key Electronic Components Inside a module like the 48V-2RYH5-R, you will find several critical electronic sub-systems: #### A. Power MOSFETs Used for high-frequency switching. These transistors toggle the 48V input on and off at thousands of times per second to facilitate efficient voltage reduction through an inductor or transformer. #### B. PWM Controller (Pulse Width Modulation) The "brain" of the module. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to ensure the output remains stable even if the input voltage fluctuates. #### C. Magnetic Components * **Transformers:** Provide galvanic isolation between the input and output. * **Inductors:** Used for energy storage and smoothing the current flow. #### D. Input/Output Filtering * **Capacitors:** Typically a mix of electrolytic and ceramic capacitors to filter out electrical noise and ripple. * **TVS Diodes:** Transient Voltage Suppressors protect the internal circuitry from voltage spikes on the 48V line. --- ### 3. Common Use Cases The **R** suffix in the part number often indicates a specific revision or "RoHS" compliance (lead-free). You will usually encounter this part in the following scenarios: 1. **Dell PowerConnect Switches:** Used as the internal power conversion stage for high-density ports. 2. **PoE (Power over Ethernet) Systems:** Managing the distribution of power to connected devices like IP cameras or VoIP phones. 3. **Redundant Power Systems:** Serving as one half of a 1+1 or N+1 power configuration in a data center rack. --- ### 4. Safety and Installation Code ```bash # Safety Warning for 48V Systems: - Ensure the power source is disconnected before removal. - DC systems do not have "Zero-Crossing" points like AC; arcing can occur if unplugged under high load. - Observe polarity (+/-) strictly to avoid blowing internal fuses. ```
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage of the 48V-2RYH5-R module?
    • ⤷ Is this part hot-swappable in Dell networking equipment?
    • ⤷ What are the common failure symptoms for this DC-DC converter?