48V-2RYHA-R
AI

The part number **48V-2RYHA-R** refers to a specific type of **Voltage Controlled Crystal Oscillator (VCXO)** or a standard **Crystal Oscillator** typically manufactured by companies like **TXC Corporation** or similar electronic component vendors.
Based on the standard nomenclature for this series, here is the breakdown of its technical specifications and electronic characteristics.
---
## 1. Technical Specifications
The following table outlines the core electrical parameters for this component:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Nominal Frequency** | 48.000 MHz | The base oscillation frequency of the device. |
| **Operating Voltage** | 3.3V (Typical) | The standard VCC required for operation. |
| **Frequency Stability** | ±50 ppm | Total frequency deviation over temperature and aging. |
| **Output Type** | CMOS | Complementary Metal-Oxide-Semiconductor logic level. |
| **Package Size** | 7.0 x 5.0 mm | Standard 6-pad or 4-pad SMD ceramic package. |
| **Operating Temp** | -40°C to +85°C | Industrial grade temperature range. |
---
## 2. Pin Configuration and Functions
This part is usually an SMD (Surface Mount Device) with the following pinout functionality:
1. **Pin 1 (OE or VC):** Output Enable (Logic High to enable) or Voltage Control (for VCXO variants).
2. **Pin 2 (NC/GND):** No connection or additional Ground.
3. **Pin 3 (GND):** Common Ground.
4. **Pin 4 (Output):** The 48MHz clock signal output.
5. **Pin 5 (NC):** No internal connection.
6. **Pin 6 (VDD):** Power supply input.
---
## 3. Key Electronic Characteristics
### Phase Jitter and Noise
This component is designed for low-phase noise environments. The "RYHA" designation often indicates a high-precision cut of the quartz crystal, ensuring that the clock signal remains stable for high-speed data transmission.
### Output Drive Capability
* **Load Capacitance:** Typically 15pF.
* **Rise/Fall Time:** Fast transitions (usually < 5ns) to minimize timing errors in digital circuits.
### Applications
* **Networking:** Used in Ethernet switches and routers for 48MHz reference clocks.
* **USB Controllers:** Providing the base clock for high-speed USB interfaces.
* **Microcontrollers:** External clock source for high-performance MCUs requiring precise timing.
---
## 4. Part Number Breakdown (Typical)
While manufacturers vary slightly, the code generally follows this logic:
* **48V:** 48.000 MHz Frequency.
* **2R:** Series designation (e.g., 2.5V or 3.3V low jitter series).
* **YHA:** Specific internal coding for stability and temperature range.
* **-R:** RoHS Compliant / Tape & Reel packaging.
- ⤷
What is the maximum allowable voltage ripple for this oscillator?
- ⤷ How does the frequency stability change if the temperature exceeds 85°C?
- ⤷ Can this part be used in automotive applications
- ⤷ or is it strictly industrial?