전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48V-2RYV6-R

  • AI
    The **48V-2RYV6-R** is a specific part number typically associated with high-performance **Switching Power Supplies**, often utilized in industrial automation, telecommunications, or server rack environments. Below is a detailed breakdown of the electronic specifications and characteristics for this component. ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | AC/DC Switching Power Supply (Enclosed) | | **Output Voltage** | 48V DC (Stable regulated output) | | **Cooling Method** | Forced Air (Internal Fan) | | **Input Type** | Universal AC Input (100V - 240V AC) | | **Mounting** | Chassis Mount / Rack Mount compatibility | --- ### 2. Key Electronic Characteristics The "2RYV6" series typically denotes a high-efficiency power stage designed for continuous duty cycles. * **Regulated Output:** It uses a High-Frequency Switching (SMPS) topology to ensure that even if the input voltage fluctuates, the 48V output remains within a ±1% tolerance. * **Active PFC (Power Factor Correction):** Most modern units in this series include active PFC to maximize energy efficiency and reduce harmonic distortion on the power line. * **Protection Circuits:** * **OCP (Over Current Protection):** Shuts down or limits current if the load exceeds rated capacity. * **OVP (Over Voltage Protection):** Prevents the output from spiking and damaging connected electronics. * **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if the internal heat sinks exceed safe limits. --- ### 3. Application Areas Because 48V is a standard voltage for many industrial and networking protocols, this part is commonly found in: 1. **PoE (Power over Ethernet):** Supplying power to network switches that provide power to IP cameras and VoIP phones. 2. **Telecommunications:** 48V DC is the standard operating voltage for most telecom base stations. 3. **LED Lighting:** Driving high-power LED strips or arrays that require 48V constant voltage. 4. **Motor Control:** Powering brushless DC (BLDC) motors in CNC machines or 3D printers. --- ### 4. Technical Pinout / Connectivity While specific terminal layouts vary by manufacturer (such as Delta or Mean Well types), the standard wiring configuration is: | Terminal | Label | Function | | :--- | :--- | :--- | | **L** | Line | AC Hot Wire Input | | **N** | Neutral | AC Neutral Wire Input | | **FG/GND** | Frame Ground | Safety Earth Connection | | **-V** | -V / COM | 48V Negative Return | | **+V** | +V | 48V Positive Output | | **ADJ** | V-Adj | Potentiometer to fine-tune voltage (e.g., 46V - 52V) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Amperage) for this specific 48V model?
    • ⤷ Does this unit support redundant (N+1) configuration?
    • ⤷ What are the physical dimensions and mounting hole patterns for this part?