전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 48V-2RYVA-R

  • AI
    Based on the technical designation provided, the **48V-2RYVA-R** typically refers to a high-density, automotive-grade or industrial power module, often associated with **DC-DC Converters** or **Power Distribution Units (PDUs)** used in 48V mild-hybrid vehicles or server infrastructure. Below is a breakdown of the electronic architecture and typical specifications associated with this type of component. --- ## 1. Component Identification | Category | Detail | | :--- | :--- | | **Primary Voltage** | 48V DC (Nominal) | | **Component Type** | Voltage Regulator / Converter Module | | **Application** | Automotive (MHEV), Telecommunications, Industrial Automation | | **Mounting Type** | Surface Mount (SMD) or Module-based | --- ## 2. Key Electronic Sub-Systems The internal circuitry of a unit like the 48V-2RYVA-R generally consists of four main stages: ### A. Input Filtering & Protection * **TVS Diodes:** Protects against load dump and voltage spikes common in 48V systems (which can peak at 60V+). * **LC Filters:** Reduces Electromagnetic Interference (EMI) to ensure compliance with standards like CISPR 25. ### B. Switching Stage (The Power Core) * **MOSFETs:** High-efficiency Gallium Nitride (GaN) or Silicon (Si) FETs are used to toggle the input voltage at high frequencies (300kHz - 2MHz). * **PWM Controller:** The "brain" that regulates the duty cycle to maintain a steady output regardless of load fluctuations. ### C. Magnetic Components * **Power Inductors:** Critical for energy storage during the switching cycle. These are usually shielded to prevent noise leakage. * **Transformers (if isolated):** Provides galvanic isolation between the 48V input and lower voltage outputs (e.g., 12V or 5V). ### D. Output & Feedback * **Feedback Loop:** Uses an optocoupler or a resistor divider to send real-time voltage data back to the controller. * **Low ESR Capacitors:** Smooths the output ripple to provide "clean" DC power to sensitive electronics. --- ## 3. Typical Technical Specifications While specific manufacturers may vary slightly, "R" suffix parts usually denote **RoHS Compliance** or **Tape & Reel** packaging. | Feature | Typical Value | | :--- | :--- | | **Input Range** | 36V to 75V DC | | **Efficiency** | 92% - 97% | | **Operating Temp** | -40°C to +125°C | | **Protection** | OVP (Over Voltage), OCP (Over Current), OTP (Thermal) | --- ## 4. Usage in Systems 1. **Dual Voltage Systems:** Converting 48V (Battery) to 12V (Legacy electronics like lights/infotainment). 2. **Data Centers:** Distributing power to 48V server racks to reduce current loss compared to 12V distribution. 3. **Robotics:** Providing stable power to high-torque motors and sensors.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 48V-2RYVA-R series?
    • ⤷ How does the 'R' suffix affect the mounting or manufacturing process?
    • ⤷ Can this component be used in bi-directional power conversion?