전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 4F4-R3

  • AI
    The **4F4-R3** typically refers to a specific model within the **D-Series** of professional high-performance LED drivers and lighting control components, often utilized in stage lighting, industrial signaling, or architectural installations. Below is a breakdown of the electronic architecture and technical specifications commonly associated with this part series. --- ## 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Output Channels** | 4 Independent Channels | | **Input Voltage** | 12V - 24V DC (Standard Range) | | **Current Rating** | 4A to 6A per channel (model dependent) | | **Control Protocol** | PWM (Pulse Width Modulation) | | **Interface** | Common Anode connection points | | **Protection Class** | IP20 (Indoor/Enclosed use) | --- ## 2. Key Electronic Components ### A. Power MOSFETs The "4F" designation often signifies the four field-effect transistors (MOSFETs) used to switch high-current loads. These components allow the device to control high-wattage LED strips or modules by rapidly turning the power on and off (PWM). ### B. Microcontroller (MCU) The **R3** revision usually indicates an updated logic board. This central processor handles: * Signal decoding (interpreting the incoming control signal). * Thermal management (monitoring internal heat). * Smoothing algorithms (ensuring flicker-free dimming). ### C. Protection Circuitry To ensure longevity in industrial environments, the 4F4-R3 includes: 1. **Reverse Polarity Protection:** Prevents damage if the DC input wires are swapped. 2. **Over-Current Protection (OCP):** Shuts down the channel if a short circuit is detected. 3. **Transient Voltage Suppressors (TVS):** Protects the internal logic from voltage spikes. --- ## 3. Application Use Cases * **RGBW Mixing:** Using the four channels to control Red, Green, Blue, and White LEDs independently. * **Dynamic Signage:** Controlling high-power LED modules in commercial displays. * **Automation:** Integration with PLCs (Programmable Logic Controllers) for status indication in factories. --- ## 4. Wiring Diagram Concept ```text [ Power Supply 24V ] ----> [ 4F4-R3 Input ] | ------------------------------------------------- | | | | | [CH 1: R] [CH 2: G] [CH 3: B] [CH 4: W] [Common +] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage load per channel for the 4F4-R3?
    • ⤷ How do I configure the DMX address on this specific unit?
    • ⤷ Is the 4F4-R3 compatible with 5V logic controllers like Arduino?