전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 4G3-R2

  • AI
    The **4G3-R2** is a specific industrial-grade cellular router/gateway model commonly used for M2M (Machine to Machine) and IoT communications. Below is a breakdown of its electronic components, architecture, and technical specifications. --- ## 1. Core Electronic Components The hardware architecture of the 4G3-R2 is designed for stability in harsh environments. | Component Type | Description | | :--- | :--- | | **Main Processor** | Typically an ARM-based CPU (often MediaTek or Qualcomm variants) designed for low power consumption and high-speed packet processing. | | **Cellular Module** | A dedicated Quectel or SimCom 4G LTE module that handles radio frequency (RF) signals and SIM card interfacing. | | **RAM/Flash Memory** | Includes DDR3 RAM for active routing tables and SPI Flash for the OpenWrt-based firmware/OS. | | **Ethernet Controller** | 10/100 Mbps PHY chips for the WAN/LAN physical ports. | | **Power Management IC** | Wide-voltage input chips (usually 5V-36V DC) with surge protection and ESD shielding. | --- ## 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Network Support** | 4G LTE (FDD/TDD), 3G WCDMA, and 2G GSM fallback. | | **Interface Ports** | 1x RJ45 WAN, 1x RJ45 LAN (or Dual LAN), 1x SIM Slot. | | **Antenna Connectors** | SMA-K interfaces (usually 1x Main, 1x Aux/Diversity). | | **Operating Voltage** | DC 9V to 24V (Industrial standard). | | **Operating Temp** | -20°C to +70°C. | --- ## 3. Functional Electronic Design ### A. RF (Radio Frequency) Path The device utilizes SMA connectors to bridge the internal cellular module to external high-gain antennas. The **R2 revision** usually implies optimized RF shielding to prevent interference with nearby industrial sensors. ### B. Hardware Watchdog A critical electronic feature of the 4G3-R2 is the **Hardware Watchdog Timer**. This is a dedicated circuit that monitors the system’s heartbeat; if the software freezes, the circuit automatically cuts and restores power to reboot the device. ### C. Protection Circuitry Unlike consumer routers, the electronic assembly includes: * **TVS Diode Protection:** Guards against lightning surges on the Ethernet ports. * **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected backwards. --- ## 4. Typical Connection Block Diagram ```mermaid graph LR A[External Antenna] <--> B[Cellular Module] B <--> C[Main CPU/Logic] C <--> D[Ethernet Ports] E[Power Input 9-24V] --> F[Voltage Regulator] F --> C ```
    ✨ Follow-up Questions
    • ⤷What are the specific frequency bands supported by the 4G3-R2?
    • ⤷ How do I configure the hardware watchdog on this device?
    • ⤷ Does the 4G3-R2 support RS232 or RS485 serial communication?