전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5.0SMDJ-R

  • AI
    The **5.0SMDJ-R Series** refers to a specific family of **Surface Mount Transient Voltage Suppressors (TVS Diodes)**. These components are designed to protect sensitive electronics from voltage spikes caused by lightning, Inductive Load Switching, and Electrostatic Discharge (ESD). --- ## 1. Key Technical Specifications The "5.0" in the part number indicates the peak pulse power dissipation capability of the device. | Feature | Specification | | :--- | :--- | | **Peak Pulse Power ($P_{PPM}$)** | 5000 Watts (at 10/1000μs waveform) | | **Package Type** | DO-214AB (SMC) | | **Voltage Range** | 11V to 440V (Reverse Stand-off Voltage) | | **Operating Temperature** | -65°C to +150°C | | **Response Time** | Typically < 1.0ps (from 0V to $V_{BR}$) | | **Polarity** | Available in Uni-directional and Bi-directional | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in selecting the correct variant for a circuit: * **5.0**: Represents the 5.0kW power rating. * **SMDJ**: Series name (Surface Mount Device, high power). * **[Voltage]**: e.g., 12, 24, 48 (Represents the Working Peak Reverse Voltage). * **A/CA**: * **A**: Uni-directional (protects in one direction). * **CA**: Bi-directional (protects in both directions, common for AC lines). * **-R**: Indicates compliance with **RoHS** (Lead-free/Green) standards. --- ## 3. How It Works The TVS diode acts as a high-impedance path during normal operation. When a voltage surge exceeds its breakdown voltage ($V_{BR}$), the device "clamps" the voltage: 1. **Stand-off Voltage ($V_R$):** The maximum voltage at which the diode does not conduct. 2. **Breakdown Voltage ($V_{BR}$):** The point where the diode begins to conduct to ground. 3. **Clamping Voltage ($V_C$):** The maximum voltage the diode allows to pass through to the protected circuit during a surge. --- ## 4. Typical Applications Because of the high 5000W power rating, these are used in demanding environments: * **Telecommunications:** Protection for base stations and line cards. * **Industrial Automation:** Protection for PLC (Programmable Logic Controller) I/O ports. * **Computing:** High-power servers and data centers. * **Renewable Energy:** Solar inverters and wind turbine control systems. --- ## 5. Circuit Example When placing a **5.0SMDJ** in a circuit, it should be placed as close to the entry point (connector) as possible to divert the surge before it reaches internal ICs. ```text Input (Surge) ----+------> To Sensitive Load | [TVS] (5.0SMDJ) | Ground -----------+------> Ground ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5.0SMDJ and the standard SMDJ series?
    • ⤷ How do I calculate the correct Clamping Voltage for my circuit?
    • ⤷ Can this component be used for continuous voltage regulation like a Zener diode?