전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 502-R

  • AI
    The **502-R** typically refers to a high-precision **Potentiometer** (variable resistor), often categorized under the trimming potentiometer (trimpot) family. In electronics nomenclature, "502" is a numerical code representing the component's resistance value. --- ## 1. Technical Specifications The code **502** follows the standard electronic marking convention (two significant digits followed by a multiplier). | Parameter | Specification | | :--- | :--- | | **Resistance Code** | 502 | | **Numeric Value** | 5,000 Ohms (5kΩ) | | **Calculation** | 50 × 10^2 | | **Tolerance** | Usually ±10% or ±20% | | **Power Rating** | Typically 0.25W to 0.5W (model dependent) | | **Mounting Type** | Through-hole (PCB) or Surface Mount (SMD) | --- ## 2. Component Structure The "R" suffix often denotes the specific series, orientation (e.g., Rear-adjust or Right-angle), or RoHS compliance depending on the manufacturer (like Bourns or Murata). ### Internal Components: * **Resistive Element:** Usually made of Cermet (Ceramic-Metal) for stability. * **Wiper:** A moving contact that slides along the resistive element to vary the resistance. * **Terminals:** Three pins—two ends of the resistor and one for the wiper. * **Adjustment Screw:** Used to manually calibrate the resistance value. --- ## 3. Common Applications The 502-R is used in circuits where fine-tuning is required after the device has been manufactured. 1. **Voltage Calibration:** Adjusting the output voltage of a power supply module. 2. **Sensor Sensitivity:** Calibrating the trigger threshold of light or sound sensors. 3. **Contrast Control:** Frequently used to adjust the backlight/contrast on 16x2 LCD displays. 4. **Audio Gear:** Setting gain levels in pre-amplifier stages. --- ## 4. Usage Example (Voltage Divider) In a standard configuration, the 502-R acts as a voltage divider. ```cpp // Example: Reading a 502-R Trimpot with Arduino int potPin = A0; // Wiper connected to Analog Pin 0 int val = 0; void setup() { Serial.begin(9600); } void loop() { val = analogRead(potPin); // Reads value between 0 and 1023 Serial.println(val); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 502 and a 503 potentiometer?
    • ⤷ How do I identify the pinout of a 3-pin 502-R trimpot?
    • ⤷ Can a 502-R be used as a variable resistor instead of a voltage divider?