전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 516SC

  • AI
    The **516SC** generally refers to a specific series of high-performance **Programmable Logic Controllers (PLCs)** or specialized **Input/Output (I/O) modules**, most notably associated with legacy industrial automation systems like the GE Fanuc or similar high-reliability controllers. Below is an overview of the electronic components and technical characteristics typically found in these types of modules. --- ## 1. Core Component Breakdown The 516SC functions primarily as an interface between field devices (sensors/actuators) and a central processor. | Component Type | Function | Details | | :--- | :--- | :--- | | **Microcontroller / ASIC** | Logic Processing | Manages the conversion of physical signals into digital data packets. | | **Optocouplers** | Electrical Isolation | Protects internal circuitry from high-voltage spikes on the field side. | | **A/D Converters** | Signal Conversion | Converts continuous analog signals (4-20mA or 0-10V) into digital bits. | | **Status LEDs** | Diagnostics | Visual indicators for "Power," "Run," "Fault," and "I/O Activity." | | **Bus Interface** | Communication | Connects the module to the backplane of the PLC rack. | --- ## 2. Technical Specifications Most devices in the 516SC category (specifically SmartConnect or specialized I/O series) share these common electronic traits: ### Input/Output Features * **High Density:** Usually supports 8 to 16 channels per module. * **Configurability:** Many units allow individual channels to be programmed for different signal types (Resistance, Temperature/RTD, or Voltage). * **Resolution:** Typically 16-bit resolution for high-precision analog measurements. ### Protection Circuitry * **Surge Suppression:** Built-in Metal Oxide Varistors (MOVs) to handle transient voltage. * **Short Circuit Protection:** Electronic fuses or current-limiting circuits to prevent board failure. --- ## 3. Physical & Connection Interface The hardware design is built for "industrial hardening," meaning the electronic parts are rated for high temperatures and vibration. * **Terminal Block:** Removable connectors that allow for wiring without removing the electronic module. * **Backplane Connector:** Gold-plated pins to ensure low-resistance communication with the CPU. * **DIP Switches:** Internal electronic switches used to set the hardware address or termination resistance. --- ### Example Configuration Snippet If you were interfacing with a 516SC style module via software, the configuration parameters might look like this: ```yaml module_type: "516SC_Analog_Input" channels: 8 resolution: 16_bit isolation: "1500V DC" sampling_rate: "100ms per channel" ```
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the 516SC module you are using?
    • ⤷ How do you troubleshoot a 'Fault' light on this electronic part?
    • ⤷ What are the wiring differences between RTD and Thermocouple modes on this module?