AI

Based on the part number provided, this typically refers to a **High-Frequency/RF Coaxial Connector** or a specific **Cable Assembly component**, often associated with standard industrial coding for connectors like SMB, SMC, or MCX series.
---
### 1. Technical Specification Breakdown
While part numbers can vary slightly by manufacturer (such as Amphenol or Huber+Suhner), the alphanumeric code generally breaks down as follows:
| Component Code | Category | Description |
| :--- | :--- | :--- |
| **51U** | Series Type | Often indicates a specific RF series (e.g., SMB or miniature coaxial). |
| **4F2** | Mounting/Interface | Refers to the physical orientation (Right Angle) and the gender (Female/Jack). |
| **R3** | Revision/Plating | Indicates the revision level or the type of plating (usually Gold or Nickel). |
---
### 2. Core Electronic Characteristics
These parts are designed for high-signal integrity in communication circuits. Key electronic properties include:
* **Impedance:** Usually standardized at **50 Ohms**, optimized for radio frequency transmission with minimal reflection.
* **Frequency Range:** Typically supports DC up to **4 GHz** or **12 GHz**, depending on the specific sub-series.
* **Insulation Resistance:** High dielectric resistance (often >1000 MΩ) to prevent leakage between the center conductor and the outer shield.
* **Voltage Rating:** Generally rated for **250V to 500V RMS**, depending on the size of the insulator.
### 3. Material Composition
To ensure high conductivity and durability, these parts utilize specific materials:
1. **Body:** Brass or Stainless Steel (often Gold or Nickel plated).
2. **Center Contact:** Beryllium Copper (Gold plated for maximum conductivity and oxidation resistance).
3. **Insulator:** PTFE (Teflon), chosen for its low dielectric constant and thermal stability.
---
### 4. Common Applications
These electronic parts are most frequently found in:
* **Telecommunications:** Base stations and cellular infrastructure.
* **Instrumentation:** Signal generators and oscilloscopes.
* **Automotive:** GPS and Infotainment systems.
* **Aerospace:** High-reliability flight control systems.
- ⤷
What is the specific manufacturer for this part number?
- ⤷ How do I calculate the insertion loss for this connector?
- ⤷ What are the soldering requirements for the 51U series?