전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 527MDCL450KHG

  • AI
    The part number **527MDCL450KHG** refers to a high-voltage, high-capacitance **Power Film Capacitor**, typically utilized in power electronics for DC-Link applications. --- ### 1. General Specifications Based on standard naming conventions for industrial power capacitors (often associated with brands like Illinois Capacitor/CDE), here is the technical breakdown: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 520 - 525 µF | High energy storage capacity | | **Voltage (DC)** | 450 VDC | Rated for medium-voltage DC circuits | | **Tolerance** | ±10% (K) | Standard industrial tolerance | | **Dielectric** | Polypropylene | Metallized film for self-healing properties | | **Mounting** | Module / Chassis | Often features bolt-on terminals | --- ### 2. Key Internal Components These parts are engineered for high-current environments rather than simple PCB mounting: 1. **Metallized Polypropylene Film:** The core "active" part. It consists of a thin plastic film coated with a microscopic layer of metal (usually aluminum or zinc). This provides the **Self-Healing** property: if a dielectric breakdown occurs, the metal layer evaporates around the point, preventing a short circuit. 2. **Internal Busbars:** Thick copper or brass conductors inside the casing that connect the film windings to the external terminals to handle high Ripple Current. 3. **Encapsulation (Resin):** The internal components are potted in a flame-retardant epoxy resin to protect against moisture, vibration, and thermal shock. 4. **Terminals (HG Style):** Usually refers to heavy-duty threaded inserts or studs (M5/M6/M8) designed for low-inductance connections. --- ### 3. Application Use Cases Because of its 450V rating and high capacitance, this component is commonly found in: * **Solar Inverters:** Used as a DC-Link capacitor to smooth the rectified DC voltage before it is converted back to AC. * **Electric Vehicle (EV) Chargers:** Provides energy buffering in fast-charging stations. * **Motor Drives (VFDs):** Filters the DC bus voltage in industrial motor controllers. * **UPS Systems:** High-density energy storage for uninterruptible power supplies. --- ### 4. Comparison: Film vs. Electrolytic | Feature | 527MDCL450KHG (Film) | Equivalent Electrolytic | | :--- | :--- | :--- | | **Lifespan** | Very Long (>100,000 hours) | Shorter (2,000–10,000 hours) | | **ESR** | Ultra-low | Higher | | **Failure Mode** | Open circuit (Safe) | Leaking/Explosion (Risky) | | **Size** | Larger | Smaller |
    ✨ Follow-up Questions
    • ⤷ What is the maximum ripple current rating for this specific capacitor series?
    • ⤷ How does the 'self-healing' mechanism work in metallized film capacitors?
    • ⤷ What are the standard dimensions for the HG terminal style?