전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5412-R

  • AI
    The **5412-R** typically refers to a high-performance **2.5GbE Ethernet Switch** series (often associated with brands like Hewlett Packard Enterprise/Aruba or specialized industrial networking hardware). Below is a breakdown of the electronic components and internal architecture typical of the 5412-R series. --- ### 1. Core System Architecture The 5412-R is a modular chassis system. Unlike fixed-port switches, its "electronics" are distributed across several swappable components. | Component | Function | Key Electronic Parts | | :--- | :--- | :--- | | **Management Module** | The "Brain" | CPU (often ARM or x86), RAM (DDR3/DDR4), Flash Memory (for OS storage). | | **Switch Fabric** | The "Heart" | Application-Specific Integrated Circuits (ASICs) responsible for wire-speed packet switching. | | **Line Cards** | The "Limbs" | PHY chips (Physical Layer), PoE Controllers, and SFP+/RJ45 ports. | | **Backplane** | The "Nervous System" | A passive or active high-speed PCB connecting all modules via high-density differential connectors. | --- ### 2. Key Electronic Sub-Systems #### A. The ASIC (Application-Specific Integrated Circuit) The most critical electronic part is the custom ASIC (e.g., the **Aruba ProVision ASIC**). * **Purpose:** Handles Layer 2/3 routing at the hardware level. * **Technology:** Programmable pipelines that allow for low latency and features like OpenFlow or advanced QoS without slowing down the CPU. #### B. Power Delivery & PoE Electronics Because the 5412-R often supports Power over Ethernet (PoE+ or PoE++), the power subsystem is complex: * **Rectifiers:** Convert AC input to DC internal rails. * **PoE Controllers:** Integrated circuits that negotiate power handshake with connected devices (e.g., IP cameras or APs). * **Step-down Converters:** Buck converters that drop 54V (PoE) down to 1.2V or 3.3V for internal logic chips. #### C. Memory Modules * **EEPROM:** Stores the hardware ID, MAC addresses, and serial numbers. * **TCAM (Ternary Content-Addressable Memory):** A specialized type of high-speed memory used by the switch to perform lookup tables for routing and ACLs (Access Control Lists) in a single clock cycle. --- ### 3. Physical Connectivity Interface The 5412-R utilizes high-speed physical layer components to maintain signal integrity: 1. **Magnetics (Transformers):** Small black blocks near RJ45 ports that provide galvanic isolation and noise suppression. 2. **SerDes (Serializer/Deserializer):** Converts parallel data from the ASIC into high-speed serial data for fiber optic (SFP+) or copper transmission. 3. **Capacitors:** A large array of Tantalum or Ceramic capacitors near the CPU/ASIC to stabilize voltage during high traffic bursts. --- ### Technical Specifications Summary | Feature | Specification (Typical 5412-R) | | :--- | :--- | | **Throughput** | Up to 1.9 Tbps | | **Routing Capacity** | Up to 1142.8 Mpps | | **Redundancy** | Dual Management Modules, Hot-swappable Fans/Power | | **Energy Efficiency** | IEEE 802.3az support (Energy Efficient Ethernet) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific ASIC capabilities of the Aruba 5400R series?
    • ⤷ How does the backplane bandwidth differ between the 5406R and 5412R models?
    • ⤷ What type of power supply units (PSU) are compatible with the 5412-R chassis?