54LS266DMQB
AI

### Overview of 54LS266DMQB
The **54LS266DMQB** is a high-performance, military-grade integrated circuit (IC) belonging to the **Low-power Schottky (LS)** TTL family. It consists of four independent 2-input **Exclusive-NOR (XNOR)** gates with **Open-Collector** outputs.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | XNOR (Exclusive-NOR) |
| **Family** | 54LS (Military Low-power Schottky) |
| **Number of Gates** | 4 (Quad) |
| **Input Type** | 2-Input per gate |
| **Output Type** | Open-Collector |
| **Operating Voltage (Vcc)** | 4.5V to 5.5V |
| **Operating Temperature** | -55°C to +125°C |
| **Package Type** | CDIP-14 (Ceramic Dual In-line Package) |
---
### 2. Logic Function & Truth Table
The XNOR gate is a coincidence detector. The output is **HIGH (H)** only when both inputs are the same (both Low or both High). However, because this specific chip has **Open-Collector** outputs, a "High" state is actually high-impedance (OFF) and requires an external pull-up resistor to reach the Vcc voltage level.
**Logic Gate Symbol:** `Y = A ⊙ B` (or `Y = NOT (A XOR B)`)
#### Truth Table
| Input A | Input B | Output Y (with Pull-up) |
| :---: | :---: | :---: |
| L | L | H |
| L | H | L |
| H | L | L |
| H | H | H |
---
### 3. Special Feature: Open-Collector Output
Unlike standard TTL outputs, the 54LS266 does not have an internal pull-up transistor. This provides several design advantages:
* **Wired-AND Logic:** Multiple outputs can be tied together to a single pull-up resistor.
* **Level Shifting:** It can interface with different logic voltage levels (e.g., driving a 12V load from a 5V logic signal).
* **High Current Sinking:** Useful for driving LEDs or small relays directly.
---
### 4. Part Number Breakdown
* **54**: Indicates military-grade temperature range (-55°C to 125°C).
* **LS**: Low-power Schottky technology (balances speed and power consumption).
* **266**: Functional identifier (Quad 2-Input XNOR).
* **DMQB**:
* **D**: Ceramic DIP package.
* **M**: Military Grade.
* **QB**: Complies with MIL-STD-883 reliability standards.
---
### 5. Common Applications
* **Digital Comparators:** Checking if two binary words are identical.
* **Parity Generators/Checkers:** Used in error detection systems.
* **Encoders/Decoders:** Building complex logic steering circuits.
* **Aerospace & Defense:** Due to the wide temperature range and ceramic packaging.
- ⤷
What is the purpose of the pull-up resistor in an open-collector circuit?
- ⤷ How does the 54LS series differ from the 74LS series?
- ⤷ Can you provide the pinout diagram for a 14-pin CDIP XNOR IC?