전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 561-R1

  • AI
    The **561-R1** typically refers to a specific type of **Insulated Support** or **Standoff/Spacer** commonly used in PCB (Printed Circuit Board) assembly. These components are essential for mechanical stability and electrical isolation within electronic enclosures. --- ### 1. Component Overview The 561-R1 series is generally manufactured by companies like **Keystone Electronics** or **Essentra Components**. It is designed to snap into a chassis or a pre-drilled hole to hold a circuit board securely at a fixed distance from the base. | Feature | Description | | :--- | :--- | | **Material** | Usually Nylon 6/6 (UL 94V-2 rated) | | **Mounting Type** | Snap-in or Push-mount | | **Function** | Electrical insulation and mechanical spacing | | **Common Color** | Natural (Off-white) | --- ### 2. Technical Specifications The "R1" suffix often dictates the specific height or the hole diameter requirements. Below are the standard technical attributes for this class of electronic part: * **Hole Diameter:** Designed to fit standard 0.125" (3.18mm) or 0.156" (4mm) holes. * **Panel Thickness:** Typically accommodates panels between 0.031" and 0.078". * **Dielectric Strength:** Nylon provides high resistance to electrical arcing, preventing shorts between the PCB and a metal chassis. * **Temperature Range:** Operates effectively from -40°C to 85°C. --- ### 3. Applications in Electronics These parts are used in almost every industry involving hardware assembly: 1. **Consumer Electronics:** To prevent the bottom of a PCB from touching a metal casing. 2. **Industrial Controls:** To stack multiple boards on top of one another to save lateral space. 3. **Power Supplies:** To maintain creepage and clearance distances required by safety standards (like UL or CE). ### 4. Installation Example The following pseudo-code logic represents how an automated assembly line might verify the presence of a 561-R1 standoff using a sensor: ```python def check_standoff_installation(sensor_data): # Threshold for a correctly seated 561-R1 standoff REQUIRED_HEIGHT_MM = 6.35 if sensor_data['height'] == REQUIRED_HEIGHT_MM: return "Installation Verified" else: return "Error: Component Misaligned or Missing" ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions for the 561-R1 variant?
    • ⤷ Are there metal alternatives to the 561-R1 nylon standoff?
    • ⤷ How do I calculate the required clearance for high-voltage PCBs using these parts?