570-059M06GR
AI

The part number **570-059M06GR** typically refers to a high-performance **D-Subminiature (D-Sub) connector** or a related component from a manufacturer like **EDAC** or a similar interconnect specialist. Based on the nomenclature, these parts are engineered for density and reliability in industrial or military-grade applications.
---
### ๐ข Technical Specifications & Characteristics
Below is a breakdown of the typical electronic and physical attributes associated with this series of connectors:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | D-Subminiature Connector (Standard or High Density) |
| **Gender** | Receptacle (Socket/Female) |
| **Number of Positions** | 9, 15, or 25 (depending on series specific sub-code) |
| **Termination Style** | Right Angle Through-Hole (PCB Mount) |
| **Contact Material** | Phosphor Bronze or Copper Alloy |
| **Plating** | Gold over Nickel (Industrial Standard) |
| **Housing Material** | PBT (Polybutylene Terephthalate) or Metal Shell |
| **Mounting Hardware** | #4-40 UNC Threaded Inserts or Boardlocks |
---
### ๐ Key Features of the "M06GR" Configuration
The suffix codes in these electronic parts provide specific instructions regarding their physical layout:
1. **M (Mounting):** Usually indicates a specific mounting style, such as a metal bracket or a specific grounding tab configuration for EMI/RFI shielding.
2. **06 (Dimension/Lead Length):** This often refers to the footprint or the length of the solder tails. In right-angle connectors, it specifies the distance from the flange to the first row of pins.
3. **GR (Green/RoHS):** This signifies that the part is compliant with environmental standards (Lead-free) and may use "Green" materials for the plastic insulators.
---
### ๐ ๏ธ Common Applications
These connectors are designed for environments where a secure, vibration-resistant connection is required:
* **Industrial Automation:** Used in PLC (Programmable Logic Controller) interfaces and sensor hubs.
* **Telecommunications:** Signal routing in rack-mounted hardware.
* **Medical Equipment:** High-reliability data transfer for diagnostic machinery.
* **Computing:** Legacy serial and parallel port communication for embedded systems.
---
### โ ๏ธ Installation Considerations
* **PCB Footprint:** Since this is a right-angle part, ensure the PCB layout accounts for the specific offset (0.318" or 0.590" are common industry standards).
* **Current Rating:** Typically rated for **3A to 5A** per contact. Do not exceed this to prevent thermal damage to the housing.
* **Voltage Rating:** Generally rated for **250V AC/DC**.
- โคท
What is the exact pin count for the 570-059M06GR variant?
- โคท Can you provide the specific PCB footprint dimensions for this connector?
- โคท What are the alternative gold-plating thickness options for this series?