전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 570-059NF04LL

  • AI
    The part number **570-059NF04LL** corresponds to a high-performance electrical connector backshell, typically manufactured by **Glenair**. This specific component falls under the category of protective covers or adapters used in harsh environment interconnect systems (Aerospace/Defense). ### 1. Part Number Breakdown To understand the electronic and mechanical properties, we can decode the part number structure: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | 570 | Qwik-Ty® Strain Relief series | | **Base Number** | 059 | Specific low-profile design/configuration | | **Material/Finish** | NF | Aluminum Alloy / Cadmium Olive Drab over Electroless Nickel | | **Dash Number** | 04 | Size code (relates to the cable entry/shell size) | | **Cable Entry** | LL | Specific hardware or length variation (often indicates "Locking" features) | --- ### 2. Technical Specifications The **570-059** series is designed for use with circular connectors (like MIL-DTL-38999). Its primary function is to provide strain relief and mechanical protection to the wires exiting the connector. * **Material:** High-strength Aluminum Alloy. * **Plating (NF):** Conductive Cadmium plating which provides excellent corrosion resistance (500-hour salt spray) and EMI shielding continuity. * **Strain Relief:** Uses a "Qwik-Ty" profile which allows for the use of plastic or metal cable ties instead of traditional screw-down clamps, reducing installation time and weight. * **Profile:** Low-profile, 90-degree or straight orientation (depending on the specific dash configuration) to save space in tight compartments. --- ### 3. Key Electronic Functions While backshells are mechanical in nature, they play a critical role in the integrity of an electronic system: 1. **EMI/RFI Shielding:** The "NF" conductive finish ensures that the electromagnetic interference is shunted to the connector shell and ground, protecting sensitive data signals. 2. **Environmental Protection:** It protects the rear of the connector from dust, debris, and mechanical impact. 3. **Strain Relief:** Prevents wire fatigue and breakage at the solder or crimp joints by securing the cable bundle firmly to the connector body. --- ### 4. Applications This part is commonly found in: * **Avionics:** Cockpit wiring and flight control systems. * **Military Ground Vehicles:** Ruggedized communications gear. * **Marine Systems:** Due to the high corrosion resistance of the Cadmium finish.
    ✨ Follow-up Questions
    • ⤷ What are the alternative plating options if Cadmium is restricted?
    • ⤷ Which MIL-DTL connector series is this backshell most compatible with?
    • ⤷ What is the weight difference between this aluminum version and a composite alternative?