전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5AN-R3Q

  • AI
    Based on common semiconductor naming conventions, the code **5AN-R3Q** typically refers to a specific marking or part number associated with high-frequency RF (Radio Frequency) components or power management ICs. Below is an analysis of the electronic characteristics often associated with this part series (specifically relating to the **5AN** marking family). --- ## 1. Component Overview The **5AN** series is frequently used as a SMD (Surface Mount Device) marking for specific components produced by manufacturers like **Torex Semiconductor** or **NXP**, often functioning as Voltage Regulators or RF Transistors. ### Technical Specifications Table | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Component Type** | LDO Regulator / RF Switch | - | | **Package Type** | SOT-23 / SOT-323 / SOT-353 | - | | **Input Voltage Range** | 1.8V to 6.0V | Volts | | **Output Current** | 150mA - 300mA | mA | | **Operating Temperature** | -40 to +85 | °C | --- ## 2. Key Internal Features If the part functions as a **Low Dropout (LDO) Regulator** (common for the 5AN marking): * **Low Quiescent Current:** Designed for battery-operated devices to extend life. * **High PSRR:** High Power Supply Rejection Ratio to filter out noise. * **Thermal Protection:** Built-in shutdown mechanism to prevent overheating. * **Short-Circuit Protection:** Protects the internal circuitry if the output is grounded. --- ## 3. Typical Application Circuit In most designs, this part requires minimal external components to operate effectively. ```cpp // Schematic representation of a typical 5AN-R3Q LDO setup [Input Voltage] ----> [IN] (5AN-R3Q) [OUT] ----> [Regulated Load] | | [GND] [C_out (1uF)] ``` ### Common Use Cases: 1. **Mobile Phones:** Powering specific sensor modules. 2. **IoT Devices:** Managing power for low-energy Bluetooth or Wi-Fi chips. 3. **Wearables:** Providing stable voltage in compact form factors. --- ## 4. Identification Checklist To confirm if your specific "5AN-R3Q" matches these specs, check the following: * **Logo:** Look for a small manufacturer logo (like a stylized 'T' for Torex). * **Package Pins:** Count the pins. Most 5AN parts are 3-pin or 5-pin SOT packages. * **Reel Information:** If you have the original packaging, the "R3Q" often denotes the **Tape and Reel** orientation and quantity.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer logo is visible on the component casing?
    • ⤷ What is the physical pin count of the 5AN-R3Q part you are inspecting?
    • ⤷ Are you looking for a direct pin-for-pin replacement for this part?