전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5HF250-R

  • AI
    The **5HF250-R** is a specific model of a **Miniature Cartridge Fuse**. It is part of the 5HF series manufactured by Bel Fuse Inc. and is widely used for primary circuit protection in electronic devices. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Property | Specification | | :--- | :--- | | **Current Rating** | 250 mA (0.25 Amps) | | **Voltage Rating (AC)** | 250V AC | | **Response Characteristic** | Fast-Acting (Quick-Acting) | | **Fuse Size** | 5mm x 20mm | | **Material** | Ceramic Body | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Physical and Chemical Features The 5HF series is designed for durability and high performance in compact environments: ### Ceramic Body Unlike glass fuses, the ceramic body allows for a **High Interrupting Capacity**. This means the fuse can safely break a circuit during a high-energy short circuit without the casing shattering. ### Lead-Free Construction The **-R** suffix confirms that the component is Lead-Free and RoHS compliant, meeting international environmental safety standards for electronic waste. --- ## 3. Operational Characteristics Understanding how the 5HF250-R behaves under load is critical for circuit design: * **Fast-Acting:** This fuse is designed to blow quickly when an overcurrent occurs. It is **not** suitable for circuits with high "in-rush" currents (like motors), as it will blow immediately. It is ideal for sensitive ICs and resistive loads. * **Breaking Capacity:** Typically rated for 1500A at 250V AC, ensuring it can handle significant fault currents. * **Safety Approvals:** Usually carries certifications from UL (Underwriters Laboratories), CSA, and VDE. --- ## 4. Typical Applications The 5HF250-R is commonly found in: 1. **Power Supplies:** Protecting the input stage of small AC/DC adapters. 2. **Consumer Electronics:** TV mainboards, chargers, and audio equipment. 3. **Industrial Equipment:** Control panels and PLC protection where 250mA precision is required.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5HF and 5SF series fuses?
    • ⤷ Can a glass fuse be used as a substitute for the ceramic 5HF250-R?
    • ⤷ How do I calculate the proper fuse rating for my specific circuit?