전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5HFP5-R

  • AI
    ### Analysis of the 5HFP5-R Component The **5HFP5-R** is a specific type of **radial leaded, fast-acting subminiature fuse** manufactured by **Bel Fuse Inc.** It belongs to the 5HFP series, which is widely used in telecommunications, power supplies, and consumer electronics to protect circuits against overcurrent conditions. --- ### Technical Specifications The following table outlines the core electrical and physical characteristics of the 5HFP5-R: | Parameter | Specification | | :--- | :--- | | **Part Number** | 5HFP 5-R | | **Rated Current** | 5 Amperes (5A) | | **Rated Voltage** | 250V AC | | **Fuse Type** | Fast-Acting (Quick-Acting) | | **Form Factor** | Subminiature Radial (5.08mm pitch) | | **Body Material** | Ceramic (High Breaking Capacity) | | **Compliance** | RoHS 6 Compliant, UL/CSA/VDE Recognized | | **Mounting Type** | Through-hole | --- ### Key Features & Design 1. **Fast-Acting Characteristic:** The "HFP" designation indicates a fast-acting blow speed. This means the fuse is designed to open almost immediately upon reaching a specific threshold of overcurrent, protecting sensitive semiconductor components. 2. **Ceramic Body:** Unlike glass fuses, the ceramic body provides a higher breaking capacity (interrupting rating), allowing it to handle higher fault currents safely without exploding or shattering. 3. **Lead-Free (-R):** The "-R" suffix indicates that the part is fully compliant with RoHS (Restriction of Hazardous Substances) standards, meaning it is lead-free. 4. **Compact Footprint:** Its radial design (leads coming out of the bottom) is optimized for high-density Printed Circuit Boards (PCBs) where horizontal space is limited. --- ### Typical Applications The 5HFP5-R is commonly found in the following electronic sectors: * **Power Supplies:** Primary or secondary circuit protection. * **Chargers:** Protecting AC/DC adapters for laptops or smartphones. * **Monitors/TVs:** Safeguarding internal power rails. * **Industrial Controllers:** Protecting PLC outputs and sensor circuits. --- ### Interrupting Ratings A critical aspect of the 5HFP series is its ability to safely interrupt high currents: * **At 250V AC:** Usually rated to interrupt 100A to 200A. * **Safety Approvals:** It carries global marks including **cURus**, **PSE**, and **SEMKO**, ensuring it meets international safety standards for fire and shock protection.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5HFP and the 5ET series from Bel Fuse?
    • ⤷ How does the interrupting rating affect the safety of this fuse in a high-voltage circuit?
    • ⤷ Can this fuse be used in DC applications
    • ⤷ or is it strictly for AC?