전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5HKP

  • AI
    The term **5HKP** typically refers to a specific marking on a high-voltage ceramic disc capacitor. These components are essential in power supplies, monitors, and industrial equipment where voltage spikes are common. --- ## 1. Component Identification The code on these capacitors can be broken down into the following technical specifications: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **5** | Voltage Multiplier | Often indicates a 500V or 5kV rating (depending on manufacturer context). | | **H** | Tolerance | Typically represents a tolerance of ±3% or specific temperature characteristics. | | **K** | Tolerance Code | Generally indicates a **±10%** capacitance tolerance. | | **P** | Temperature Coefficient | Represents the **P350** characteristic or a specific change in capacitance over temperature. | --- ## 2. Technical Specifications While exact specs vary by brand (like Vishay, Murata, or TDK), a standard "5HKP" capacitor usually follows these parameters: ### Physical Properties * **Dielectric:** Ceramic (Class 1 or Class 2). * **Encapsulation:** Epoxy resin (flame retardant). * **Leads:** Tinned copper radial wires. ### Electrical Performance * **Capacitance Range:** Usually in the picofarad (pF) to nanofarad (nF) range. * **Insulation Resistance:** Very high (typically >10,000 MΩ). * **Operating Temperature:** -25°C to +85°C (standard) or up to +125°C. --- ## 3. Common Applications These parts are designed for high-stress environments. Common uses include: 1. **Snubber Circuits:** Used to suppress voltage spikes across switching transistors. 2. **Filtering:** Removing high-frequency noise from DC power lines. 3. **Bypassing:** Diverting unwanted RF signals to the ground. 4. **Lighting Ballasts:** Found in high-intensity discharge or fluorescent lighting circuits. --- ## 4. Replacement Precautions If you are replacing a 5HKP part, ensure the following: * **Voltage Rating:** The replacement must have an equal or *higher* voltage rating. * **Capacitance:** Match the value exactly (e.g., 102K = 1000pF). * **Temperature Stability:** Ensure the replacement dielectric (e.g., Y5P, X7R, or NPO) matches the original requirements of the circuit.
    ✨ Follow-up Questions
    • ⤷ How do I read the 3-digit capacitance code on a ceramic capacitor?
    • ⤷ What is the difference between Class 1 and Class 2 ceramic capacitors?
    • ⤷ Can I replace a ceramic disc capacitor with a film capacitor?