전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5HTP2-R

  • AI
    The **5HTP2-R** typically refers to a specific series of **DC-DC Converters** (often associated with brands like Chinfa or specific industrial power supply manufacturers). These are regulated modules designed to convert a DC input voltage to a stabilized DC output voltage. --- ### 1. General Specifications These components are usually categorized as isolated, regulated DC-DC converters. Below are the typical electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | Wide range (e.g., 9-18V, 18-36V, or 36-72V DC) | | **Output Voltage** | Stabilized 5V, 12V, or 15V (Model dependent) | | **Isolation** | 1500V DC to 3000V DC | | **Efficiency** | 75% - 85% | | **Package Style** | DIP (Dual In-line Package) or SIP | --- ### 2. Internal Electronic Components The "R" in the suffix usually denotes **Regulated**, meaning the device contains internal feedback circuitry to maintain a constant output despite input fluctuations. * **Switching Controller:** Uses PWM (Pulse Width Modulation) to regulate power flow. * **Isolation Transformer:** Small ferrite core transformer that provides galvanic isolation between input and output. * **Rectifier Diodes:** Converts the high-frequency AC from the transformer back into DC. * **Filter Capacitors:** Electrolytic or ceramic capacitors used to reduce output ripple and noise. --- ### 3. Pinout Configuration While pinouts can vary by manufacturer, a standard 2-watt regulated DC-DC converter (like the 5HTP series) often follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 3 | +Vout | Positive Output Voltage | | 4 | Common/0V | Output Ground | | 5 | -Vout | Negative Output (if dual output) | --- ### 4. Key Electronic Protections The 5HTP2-R series is designed for industrial reliability and usually includes: 1. **Short Circuit Protection (SCP):** Usually continuous with auto-recovery. 2. **Overload Protection:** Limits current to prevent overheating. 3. **Input Filter:** Internal Pi-filter to reduce Electromagnetic Interference (EMI). --- ### 5. Application Areas * **Data Communication:** For noise-sensitive telecommunication lines. * **Industrial Controls:** To isolate sensitive logic gates from noisy motor power rails. * **Distributed Power Architectures:** Providing local regulation on a PCB.
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the 5HTP2-R model?
    • ⤷ How do I calculate the thermal derating for this DC-DC converter?
    • ⤷ Does this component require external capacitors for noise reduction?