5MT1.6-R
AI

The **5MT1.6-R** is a specific type of electronic component, primarily classified as a **subminiature glass tube fuse**. It is designed to protect electronic circuits from overcurrent conditions by breaking the circuit when the current exceeds a specific threshold.
### 1. Key Technical Specifications
Below are the primary parameters for the 5MT1.6-R fuse:
| Parameter | Specification |
|:---|:---|
| **Current Rating** | 1.6 Amperes (1.6A) |
| **Voltage Rating** | 250V AC |
| **Fuse Type** | Glass Tube (Cartridge) |
| **Response Characteristic** | Medium Time-Delay (Slow Blow) |
| **Size / Dimension** | 5mm x 20mm |
| **Termination Style** | Axial Leaded (Pigtail) |
| **Material** | Glass Body / Nickel Plated Brass Caps |
---
### 2. Functional Characteristics
The "5MT" series possesses specific functional behaviors that distinguish it from standard fast-acting fuses:
* **Medium Time-Delay (Slow Blow):** Unlike fast-acting fuses that blow instantly upon reaching the current limit, this fuse can withstand temporary "inrush" currents (spikes) common during device startup.
* **Axial Leads:** The "-R" suffix often denotes "RoHS compliance," but in the physical assembly of this specific part number, it typically includes **pigtail leads** (wire leads soldered to the end caps). This allows the fuse to be soldered directly onto a Printed Circuit Board (PCB) without a fuse holder.
* **Breaking Capacity:** It is designed to safely interrupt the circuit under fault conditions up to its rated breaking capacity (usually 35A at 250VAC or 10,000A at 125VAC).
### 3. Common Applications
The 5MT1.6-R is frequently found in the following electronic environments:
1. **Power Supplies:** Protecting the primary side of AC/DC converters.
2. **Consumer Electronics:** Used in televisions, audio equipment, and chargers.
3. **Industrial Controllers:** Protecting sensitive circuitry from surges in motors or solenoids.
4. **LED Lighting:** Ensuring safety in high-voltage LED driver circuits.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying equivalent parts:
* **5MT:** The series designation (Medium Time-Lag, 5x20mm).
* **1.6:** The rated current (1.6 Amps).
* **-R:** Indicates RoHS (Restriction of Hazardous Substances) compliance and often denotes the packaging/lead configuration.
- ⤷
What is the difference between a fast-acting fuse and the 5MT slow-blow fuse?
- ⤷ Can I use a 1.6A fuse with a lower voltage rating
- ⤷ like 125V
- ⤷ in a 250V circuit?
- ⤷ How do I test if a 5MT1.6-R fuse is blown using a multimeter?