전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5MTP2-R

  • AI
    The **5MTP2-R** is a specific type of electronic component, primarily classified as a **Time-Lag (Slo-Blo) Radial Lead Micro Fuse**. It is designed to provide overcurrent protection for electronic circuits while being compact enough for space-constrained PCB (Printed Circuit Board) layouts. --- ### 1. Key Technical Specifications The "5MTP" series follows specific naming conventions that define its electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Component Type** | Radial Lead Micro Fuse | | **Current Rating** | 2 Amperes (indicated by the '2' in the part number) | | **Voltage Rating** | Typically 250V AC | | **Characteristic** | Time-Lag / Slow Blow (T) | | **Body Material** | Thermoplastic / Plastic Subminiature | | **Termination** | Radial Leads (Through-hole mounting) | | **RoHS Compliant** | Yes (indicated by the '-R' suffix) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying the part's function: * **5MTP**: The series designation. These are subminiature, radial-leaded fuses that conform to standard safety specifications (often UL/CSA). * **2**: Represents the nominal current rating (2 Amps). * **-R**: Indicates that the part is **RoHS (Restriction of Hazardous Substances) Compliant**, meaning it is lead-free. --- ### 3. Physical Features & Construction Unlike traditional glass tube fuses, the 5MTP2-R is designed for modern automated assembly: * **Shape:** It usually features a small rectangular or cylindrical plastic body. * **Mounting:** It is a through-hole component. The "Radial" leads stick out from the bottom of the fuse, allowing it to sit upright on the PCB. * **Space Saving:** It occupies significantly less board "real estate" compared to a 5x20mm glass fuse holder. --- ### 4. Operational Principle: Time-Lag (Slow Blow) The **Time-Lag** characteristic is crucial for specific applications. * **Purpose:** It is designed to ignore temporary "inrush currents" or surges (like when a motor starts or a capacitor charges). * **Mechanism:** It will not blow immediately if the current slightly exceeds 2A for a fraction of a second. However, if a sustained overcurrent or a massive short circuit occurs, the internal element will melt to break the circuit. --- ### 5. Common Applications Due to its 250V rating and slow-blow nature, the 5MTP2-R is commonly found in: * **Power Supplies:** Protecting the input stage of AC/DC adapters. * **Consumer Electronics:** Televisions, chargers, and audio equipment. * **Industrial Controllers:** Small-scale automation boards where space is limited. * **LED Drivers:** Protecting against surge currents during power-on.
    ✨ Follow-up Questions
    • ⤷What is the difference between a Fast-Acting fuse and a Time-Lag fuse like the 5MTP2-R?
    • ⤷ Can I replace a 5MTP2-R with a standard 2A glass fuse?
    • ⤷ How do I test if a 5MTP2-R fuse has blown using a multimeter?