전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5MV-10-R

  • AI
    The **5MV-10-R** is an electronic component primarily identified as a **High-Voltage Ceramic Disc Capacitor**. These components are specifically designed to handle high electrical stress and are commonly used in power supplies and protection circuits. ### 1. Technical Specifications The part number typically follows a standardized coding system for high-voltage capacitors. | Feature | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 10 pF | The storage capacity of the device. | | **Voltage Rating** | 5,000V (5kV) | The maximum continuous DC voltage it can withstand. | | **Tolerance** | ±5% to ±20% | Standard variance (varies by manufacturer). | | **Dielectric Type** | Ceramic | Usually Class 1 (NPO/C0G) for stability. | | **Mounting Type** | Through-Hole | Radial leaded design for PCB mounting. | | **Termination** | RoHS Compliant | The "-R" suffix usually denotes Lead-Free/RoHS compliance. | --- ### 2. Physical Characteristics * **Body:** Disc-shaped, usually coated in a blue or tan flame-retardant epoxy resin. * **Leads:** Two tinned copper wires protruding from the bottom (Radial). * **Markings:** Usually printed with "5KV", "10", and a manufacturer logo. --- ### 3. Key Applications Because of its high voltage rating and low capacitance, the 5MV-10-R is used in specialized scenarios: * **Snubber Circuits:** Used to suppress high-voltage spikes across switching transistors or diodes. * **HV Power Supplies:** Found in CRT displays, X-ray equipment, and laser power modules. * **Filtering:** Decoupling high-frequency noise in high-voltage DC lines. * **Lightning Arrestors:** Part of the protection circuit in telecommunications or power equipment. --- ### 4. Safety Considerations Working with 5kV components requires strict adherence to safety protocols: 1. **Creepage/Clearance:** Ensure there is enough physical distance on the PCB between leads to prevent "arcing" (electricity jumping through the air). 2. **Discharge:** Even small capacitors like 10pF can hold a charge; always discharge high-voltage circuits before touching them. 3. **Derating:** It is best practice to run the capacitor at 50-60% of its rated voltage (e.g., 2.5kV to 3kV) for long-term reliability.
    ✨ Follow-up Questions
    • ⤷ What are the alternative dielectrics for high-voltage capacitors?
    • ⤷ How do I calculate the creepage distance for a 5kV component?
    • ⤷ Can this capacitor be used in AC applications?