5SFP1.6-R
AI

The **5SFP1.6-R** is a specific type of electronic component categorized as a **subminiature, slow-blow (time-delay) fuse**. It is widely used in power supplies, consumer electronics, and industrial equipment to provide overcurrent protection.
---
### 1. Technical Specifications
The part number follows a standardized naming convention common in the fuse industry (often associated with brands like **Bel Fuse**).
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 1.6 Amperes (1.6A) |
| **Voltage Rating (AC)** | 250 Volts |
| **Fuse Type** | Glass Tube / Subminiature |
| **Characteristic** | Slow-Blow (Time-Delay) |
| **Mounting Type** | Through-Hole (Pigtail Leads) |
| **Size/Dimension** | 5mm x 20mm (Approximate) |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
Understanding the alphanumeric code helps in identifying the physical and electrical properties:
* **5SFP**: This prefix usually denotes the series.
* **5**: Refers to the physical diameter (5mm).
* **SFP**: Indicates a "Slow-blow" characteristic with Axial Leads (pigtails).
* **1.6**: Represents the nominal current rating in Amperes.
* **-R**: Stands for **RoHS** (Restriction of Hazardous Substances) compliance, meaning it is lead-free.
---
### 3. Key Features
* **Time-Delay (Slow-Blow):** Unlike "Fast-Acting" fuses, this component is designed to withstand temporary current surges (inrush current) common in motors or capacitive loads without blowing.
* **Axial Leads:** The "pigtail" wires attached to the ends allow the fuse to be soldered directly onto a Printed Circuit Board (PCB) rather than being inserted into a fuse clip.
* **Glass Body:** Provides visual inspection capabilities to see if the internal filament has melted.
---
### 4. Common Applications
* **Power Adapters:** Protecting against internal shorts while ignoring the initial spark/surge when plugged in.
* **LED Drivers:** Handling the initial charging of capacitors.
* **Industrial Controls:** Small motors or solenoid protection where start-up current is higher than running current.
- ⤷
What is the difference between a slow-blow and a fast-acting fuse in terms of circuit protection?
- ⤷ Can I replace a 5SFP1.6-R with a fuse that has a higher amperage rating?
- ⤷ How do I test if this fuse is blown using a digital multimeter?