전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5STP12.5-R

  • AI
    The **5STP 12F4200 (5STP 12.5-R series)** is a high-power semiconductor device, specifically a **Phase Control Thyristor (SCR)**. These are designed for industrial applications requiring the switching of very high currents and voltages. --- ### 1. Key Technical Specifications Below are the typical parameters for the 5STP 12.5-R (specifically the 12F4200 variant often associated with this family): | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Off-State Voltage** | $V_{DRM}$ / $V_{RRM}$ | 4200 V | | **Average On-State Current** | $I_{T(AV)}$ | ~1250 A | | **RMS On-State Current** | $I_{TRMS}$ | ~1960 A | | **Peak Non-Repetitive Surge Current** | $I_{TSM}$ | ~18,000 A (10ms) | | **Critical Rate of Rise of Off-State Voltage** | $dv/dt$ | 1000 V/µs | | **Housing Type** | Package | Press-pack (Hockey Puk) | --- ### 2. Functional Description The device acts as a solid-state switch. Unlike a transistor, once a thyristor is "triggered" (turned on) by a small current at the gate terminal, it remains conducting even if the gate signal is removed, provided the main current is flowing. It only turns off when the current drops below a specific "holding" threshold or the polarity reverses (natural commutation). ### 3. Construction and Housing * **Press-pack Design:** The device is housed in a ceramic "hockey puk" flat disc. This design allows for double-sided cooling. * **Mounting:** It must be mounted under high pressure between two heat sinks. This pressure ensures both electrical contact and efficient thermal transfer. * **Hermetic Seal:** The ceramic housing provides high insulation and protection against harsh industrial environments. ### 4. Common Applications Due to its ability to handle thousands of volts and amps, it is used in: 1. **High Voltage DC (HVDC) Transmission:** Converting AC to DC for long-distance power travel. 2. **Industrial Motor Drives:** Large scale AC/DC motor control. 3. **Soft Starters:** Reducing the load and torque in the powertrain and electric current surge of motors during start-up. 4. **Welding Equipment:** Controlling high-current output for industrial welding. --- ### 5. Symbol Representation In circuit diagrams, the thyristor is represented as a diode with a gate terminal: ```text Anode (A) | --+-- \ / (Diode Symbol) --+-- |---- Gate (G) | Cathode (K) ```
    ✨ Follow-up Questions
    • ⤷ What is the required clamping force for the 5STP 12.5-R package?
    • ⤷ How does 'natural commutation' work in this thyristor?
    • ⤷ What are the specific cooling requirements for high-current SCRs?