5VF-Z6-R/
AI

The part number **5VF-Z6-R** refers to a high-performance **Ferrite Chip Bead** produced by **TAIYO YUDEN**. These components are primarily used for EMI (Electromagnetic Interference) suppression in high-speed signal lines.
---
## 1. Technical Specifications
The "5VF" series is designed for noise suppression while maintaining signal integrity in high-frequency circuits.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Ferrite Chip Bead (Multilayer Type) |
| **Impedance** | Typically optimized for high-frequency noise attenuation |
| **Package Size** | Compact Surface Mount Device (SMD) |
| **Termination** | Lead-free (RoHS Compliant) |
| **Application** | Power lines and high-speed data lines |
---
## 2. Key Functions
* **Noise Filtering:** It acts as a passive low-pass filter, allowing DC and low-frequency signals to pass while dissipating high-frequency noise as heat.
* **EMI Suppression:** Prevents electromagnetic interference from affecting sensitive neighboring components.
* **Signal Integrity:** Specifically designed to minimize distortion on data lines compared to standard inductors.
---
## 3. Common Applications
Due to its small footprint and efficiency, this part is commonly found in:
1. **Mobile Devices:** Smartphones, tablets, and wearables.
2. **Computing:** Laptops, motherboards, and peripheral interfaces (USB, HDMI).
3. **Consumer Electronics:** Digital cameras and portable media players.
---
## 4. Understanding the Part Suffixes
* **-R:** Generally indicates the packaging method, specifically **Tape and Reel**. This is standard for automated SMT (Surface Mount Technology) assembly lines.
* **Z6:** Refers to the specific material composition or the impedance characteristic curve of the bead.
- ⤷
What are the specific impedance values at 100MHz for the 5VF series?
- ⤷ Can this part be used in automotive-grade applications?
- ⤷ What is the recommended soldering profile for Taiyo Yuden chip beads?