전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5W6-R

  • AI
    The term **5W6-R** (often written as **5W 6R** or **5W 6.0Ω**) typically refers to a specific type of electronic component: a **Power Resistor**. Below is a detailed breakdown of its specifications, construction, and typical use cases. --- ## 1. Technical Specifications The alphanumeric code provides the primary electrical ratings of the component. | Specification | Description | Details | | :--- | :--- | :--- | | **Power Rating** | 5 Watts (5W) | The maximum power the resistor can dissipate as heat without being damaged. | | **Resistance Value** | 6 Ohms (6R) | The electrical resistance. "R" acts as the decimal point or unit for Ohms. | | **Tolerance** | Usually ±5% (J) | Common for power resistors (indicated by a suffix like J). | | **Operating Temp** | -55°C to +155°C | Typical range for ceramic/cement power resistors. | --- ## 2. Common Physical Characteristics Most components labeled "5W 6R" are **Cement Resistors** or **Wirewound Resistors**. ### Construction * **Core:** A ceramic rod or fiberglass core. * **Element:** A resistive wire (often Nickel-Chromium) wound around the core. * **Encapsulation:** The internal element is placed inside a rectangular ceramic casing and sealed with an inorganic "cement" or flameproof epoxy. * **Leads:** Thick tinned copper leads for through-hole PCB mounting. ### Visual Features * White, rectangular box shape. * Large size compared to standard 1/4W resistors (to facilitate heat dissipation). * Marked with text rather than color bands. --- ## 3. Key Functions in a Circuit Because this is a **power** resistor, it is used where significant current flows. 1. **Current Limiting:** Used in LED arrays or motor circuits to prevent excessive current. 2. **Voltage Dropping:** To reduce a supply voltage to a lower level for a specific sub-circuit. 3. **Bleeder Resistor:** Placed across large capacitors in power supplies to safely discharge them when power is turned off. 4. **Audio Crossovers:** Often found in speaker systems to balance the output between woofers and tweeters. --- ## 4. Example Calculation (Ohm's Law) If you apply a voltage to a 5W 6R resistor, you must ensure you do not exceed the 5W rating. ```python # Power Calculation Formula: P = V^2 / R or P = I^2 * R resistance = 6 # Ohms max_power = 5 # Watts # To find the maximum safe voltage: # V = sqrt(P * R) # V = sqrt(5 * 6) = 5.47 Volts # To find the maximum safe current: # I = sqrt(P / R) # I = sqrt(5 / 6) = 0.91 Amps ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic cement resistor and a metal film resistor?
    • ⤷ How do I calculate the heat dissipation requirements for a 5W resistor?
    • ⤷ Can a 10W 6R resistor be used as a replacement for a 5W 6R resistor?