전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 60010-R

  • AI
    The **60010-R** is a specific electronic component primarily identified as a **Radial Lead Multilayer Ceramic Capacitor (MLCC)**, often manufactured by companies like Murata or similar specialty capacitor producers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The "60010-R" part number generally refers to a precision high-frequency capacitor. While specific tolerances can vary by brand, the following are the industry standard parameters for this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Multilayer Ceramic Capacitor (MLCC) | | **Lead Style** | Radial (Through-hole) | | **Capacitance Range** | Typically 10 pF (depending on full suffix) | | **Voltage Rating** | Usually 50V to 100V DC | | **Tolerance** | ±5% or ±10% | | **Temperature Coefficient** | NPO (C0G) - Ultra-stable | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Key Internal Components To understand the "electronic parts" within this single component, we must look at its internal construction: 1. **Ceramic Dielectric:** High-purity ceramic material that stores the electrical charge. 2. **Internal Electrodes:** Thin metal layers (typically nickel or silver-palladium) layered within the ceramic to increase surface area. 3. **Termination:** The interface where the internal electrodes meet the external leads. 4. **Solder/Coating:** The body is usually encapsulated in a flame-retardant epoxy resin (often blue or yellow) for environmental protection. 5. **Radial Leads:** Tinned copper or steel wires that allow the part to be soldered into a Printed Circuit Board (PCB). --- ### 3. Common Applications The 60010-R series is valued for its stability and low loss at high frequencies. * **RF Circuits:** Used in oscillators and filters where capacitance must remain constant despite temperature changes. * **Decoupling:** Filtering high-frequency noise near integrated circuits. * **Timing Circuits:** Providing precise discharge rates for RC (Resistor-Capacitor) timing loops. * **Industrial Equipment:** Used in power supplies and control boards due to its rugged radial lead design. --- ### 4. Identification and Marking When inspecting the part physically, you will notice: * **The "R" Suffix:** Usually denotes **RoHS Compliance** (Lead-free) or specific packaging requirements (Tape & Reel). * **Marking Code:** Often printed with a 3-digit code (e.g., `100` for 10pF) and a voltage/tolerance letter.
    ✨ Follow-up Questions
    • ⤷What is the difference between NPO and X7R dielectric materials?
    • ⤷ How do I test a 60010-R capacitor using a multimeter?
    • ⤷ Can this part be replaced with a Surface Mount (SMD) equivalent?