6125FF3.5-R
AI

The **6125FF3.5-R** is a high-performance Surface Mount Device (SMD) fuse designed for overcurrent protection in various electronic circuits. It is manufactured by **Eaton (formerly Bussmann)**.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (Bussmann Series) |
| **Series** | 6125FF (Fast-Acting) |
| **Current Rating** | 3.5 Amperes |
| **Voltage Rating (AC)** | 125 VAC |
| **Voltage Rating (DC)** | 72 VDC |
| **Package Size** | 6125 (Metric) / 2410 (Imperial) |
| **Interrupt Rating** | 50A at 125VAC / 300A at 72VDC |
| **Operating Temp** | -55°C to +125°C |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
## 2. Key Features
The 6125FF3.5-R is distinguished by several engineering traits:
* **Fast-Acting (FF):** The "FF" stands for Very Fast-Acting. This means the fuse is designed to open almost instantly when an overcurrent condition occurs, protecting sensitive downstream components (like ICs and semiconductors).
* **Brick/Block Design:** Unlike thin-film fuses, the 6125 series uses a wire-in-air or ceramic body construction, which provides better thermal stability and higher interrupt ratings.
* **Solderability:** It features gold-plated end caps, providing excellent solderability and resistance to corrosion/oxidation.
---
## 3. Physical Dimensions
The "6125" designation refers to the physical footprint in millimeters.
* **Length:** 6.1 mm (± 0.2mm)
* **Width:** 2.5 mm (± 0.1mm)
* **Height:** 2.5 mm (± 0.1mm)
---
## 4. Typical Applications
This fuse is commonly found in industrial and consumer electronics where space is limited but high reliability is required:
1. **LCD Monitors & Televisions:** Protecting backlight inverters and main logic boards.
2. **Power Supplies:** Used in DC-DC converters and AC-DC adapters.
3. **Medical Equipment:** High-reliability circuit protection for diagnostic tools.
4. **Telecom:** Base station power modules and line cards.
---
## 5. Part Number Breakdown
```text
6125 FF 3.5 - R
| | | |
| | | +-- RoHS Compliant
| | +--------- Current Rating (3.5 Amps)
| +-------------- Fast-Acting Characteristic
+------------------- Package Size (6.1mm x 2.5mm)
```
- ⤷
What is the difference between the 6125FF and 6125TD series?
- ⤷ Can this fuse be used in automotive 12V or 24V systems safely?
- ⤷ What is the I2t (melting integral) value for the 3.5A version?