전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 628-009-010-059

  • AI
    The part number **628-009-010-059** refers to a specific type of electrical connector manufactured by **EDAC Inc.** It is a standard D-Subminiature connector commonly used in data transmission, networking, and industrial control systems. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | EDAC Inc. | | **Series** | 628 Series | | **Connector Type** | D-Sub Connector | | **Number of Positions** | 9 Positions | | **Gender** | Receptacle (Female) | | **Mounting Type** | Through Hole, Right Angle | | **Termination Style** | Solder | | **Contact Plating** | Gold Flash | | **Shell Material** | Steel (Tin Plated) | | **Current Rating** | 5A | --- ### 2. Physical Design & Layout * **9-Pin Configuration:** This is a standard "DE-9" size (often incorrectly called DB-9). It features two rows of pins (one row of 5 and one row of 4). * **Right Angle Orientation:** The pins are bent at a 90-degree angle, allowing the connector to be mounted on the edge of a Printed Circuit Board (PCB) while the interface faces outward. * **Footprint:** The "0.318 inch" footprint is standard for many legacy computer peripherals and industrial sensors. --- ### 3. Common Applications This part is typically found in the following environments: 1. **RS-232 Serial Communication:** Used for connecting computers to modems, printers, or industrial PLCs. 2. **Controller Interfaces:** Common in CNC machinery and robotics for signal transmission. 3. **Network Hardware:** Used in legacy networking equipment for console management. 4. **Power Supply:** Small-scale power delivery for low-voltage electronic modules. --- ### 4. Part Number Breakdown (EDAC Coding) While EDAC uses a proprietary system, the digits roughly represent: * **628:** Series (Right Angle PCB Mount). * **009:** Number of contacts (9). * **010:** Insulator color/material (typically Black PBT). * **059:** Specific mounting hardware/plating variation (standard mounting holes).
    ✨ Follow-up Questions
    • ⤷ What are the alternative mounting hardware options for the 628 series?
    • ⤷ How does gold flash plating compare to 30u gold in terms of durability?
    • ⤷ Is this connector compatible with standard RS-232 pinouts?